Electronic Components Datasheet Search
  English  ▼

X  

B3780 Datasheet(PDF) 3 Page - EPCOS

Part # B3780
Description  SAW Components Low-loss Filter 433,92 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3780 Datasheet(HTML) 3 Page - EPCOS

  B3780 Datasheet HTML 1Page - EPCOS B3780 Datasheet HTML 2Page - EPCOS B3780 Datasheet HTML 3Page - EPCOS B3780 Datasheet HTML 4Page - EPCOS B3780 Datasheet HTML 5Page - EPCOS B3780 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Dec 22, 2004
SAW Components
B3780
433,92 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = –40 ... +85˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1) Power matching of the SAW filter requires a certain source and load impedance. This character-
istic impedance is provided by the 50 Ohm environment and a wideband matching network at input
and output. After removing the SAW filter, the conjugate complex impedance values of the input
and output matching network including the 50 Ohm environment are calculated.
For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
—
433,92
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
including loss in matching elements
—
2,0
2,8
dB
excluding loss in matching elements
—
1,6
2,4
dB
Pass band (relative to
α
min)
433,645 ... 434,195 MHz
—
0,9
3,0
dB
Filter bandwidth
α
rel≤ 3 dB
780
850
920
kHz
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 414,00 MHz
48
53
—
dB
414,00 ... 425,00 MHz
42
47
—
dB
425,00 ... 431,50 MHz
28
33
—
dB
431,50 ... 433,00 MHz
18
21
—
dB
434,92 ... 443,00 MHz
14
18
—
dB
443,00 ... 530,00 MHz
36
41
—
dB
530,00 ... 670,00 MHz
55
60
—
dB
670,00 ... 830,00 MHz
45
50
—
dB
830,00 ...1000,00 MHz
60
65
—
dB
1000,00 ...2500,00 MHz
43
48
—
dB
Impedance for pass band matching 1)
Input:
ZIN
=
RIN
||
CIN
—
330 || 1,9
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
330 || 1,9
—
Ω || pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com