Electronic Components Datasheet Search
  English  ▼

X  

B3802 Datasheet(PDF) 4 Page - EPCOS

Part # B3802
Description  SAW Components Low-loss Filter 110,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3802 Datasheet(HTML) 4 Page - EPCOS

  B3802 Datasheet HTML 1Page - EPCOS B3802 Datasheet HTML 2Page - EPCOS B3802 Datasheet HTML 3Page - EPCOS B3802 Datasheet HTML 4Page - EPCOS B3802 Datasheet HTML 5Page - EPCOS B3802 Datasheet HTML 6Page - EPCOS B3802 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Oct 11, 2002
SAW Components
B3802
110,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= -10 ... 70 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
max.
Center frequency
fC
109,8
110,0
110,18 MHz
Minimum insertion attenuation
α
min
—
6,8
10,0
dB
Pass bandwidth
α
rel ≤3,0 dB
B3dB
3,75
4,0
—
MHz
α
rel ≤1,0 dB
B1dB
—
3,1
—
MHz
Amplitude ripple (max peak to adjacent valley)
∆α
fC ± 1,6 MHz
—
0,5
—
dB
Group delay ripple
∆τ
fC ± 1,6 MHz
—
45
80
ns
Relative attenuation (relative to
α
min)
α
rel
60,0 MHz ... 100,0 MHz
40
42
—
dB
100,0 MHz ... 105,5 MHz
36
41
—
dB
114,5 MHz ... 120,0 MHz
36
41
—
dB
120,0 MHz ... 160,0 MHz
38
43
—
dB
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com