Electronic Components Datasheet Search
  English  ▼

X  

B3807 Datasheet(PDF) 3 Page - EPCOS

Part # B3807
Description  SAW Components Low-loss Filter 326,4 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3807 Datasheet(HTML) 3 Page - EPCOS

  B3807 Datasheet HTML 1Page - EPCOS B3807 Datasheet HTML 2Page - EPCOS B3807 Datasheet HTML 3Page - EPCOS B3807 Datasheet HTML 4Page - EPCOS B3807 Datasheet HTML 5Page - EPCOS B3807 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Aug 12, 2002
SAW Components
B3807
326,4 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T = -10 .. +80 ˚C
Terminating source impedance:
ZS=50 Ω and matching network
Terminating load impedance:
ZS=50 Ω and matching network
1(port extensions directly at filter)
min.
typ.
max.
Nominal frequency
fN
—
326,4
—
MHz
Minimum insertion attenuation
α
min
—
2,0
4,0
dB
Amplitude ripple (p-p)
∆α
fN-2,5 MHz...fN+2,5 MHz
—
0,3
0,5
dB
fN-7,5 MHz...fN+7,5 MHz
—
1,0
3,0
dB
Pass bandwidth
B1,0dB
α
rel ≤ 1,0 dB
—
15
—
MHz
B10dB
α
rel ≤ 10 dB
—
20
—
MHz
Relative attenuation (relative to
α
min)
α
rel
10,0 MHz
...
fN − 18,0 MHz
40
50
—
dB
fN −38,395 MHz
...
fN −38,405 MHz
43
50
—
dB
fN −19,195 MHz
...
fN −19,205 MHz
43
50
—
dB
fN − 18,0 MHz
...
fN − 12,5 MHz
13
15
—
dB
fN + 12,5 MHz
...
fN + 30,0 MHz
11
13
—
dB
fN + 30,0 MHz
...
fN + 450,0 MHz
25
30
—
dB
Group delay ripple (p-p)
∆τ
fN- 7,5 MHz...fN- 2,5 MHz
—
90
110
ns
fN- 2,5 MHz...fN+2,5 MHz
—
15
25
ns
fN+2,5 MHz...fN+7,5 MHz
—
50
65
ns
Return Loss
fN-2,5 MHz...fN+2,5 MHz
10
11
—
dB
fN-7,0 MHz...fN+7,0 MHz
8
10
—
dB
fN-7,5 MHz...fN+7,5 MHz
5
8
—
dB
Impedance at fN (without matching)1
Input:
ZIN = RIN || CIN
—
72 || 0,4
—
Ω || pF
Output: ZOUT= ROUT || COUT
—
73 || 0,2
—
Ω || pF
Temperature coefficient of frequency
TCf
—
– 70
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com