Electronic Components Datasheet Search
  English  ▼

X  

B3815 Datasheet(PDF) 2 Page - EPCOS

Part # B3815
Description  SAW Components Low-loss Filter 385,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3815 Datasheet(HTML) 2 Page - EPCOS

  B3815 Datasheet HTML 1Page - EPCOS B3815 Datasheet HTML 2Page - EPCOS B3815 Datasheet HTML 3Page - EPCOS B3815 Datasheet HTML 4Page - EPCOS B3815 Datasheet HTML 5Page - EPCOS B3815 Datasheet HTML 6Page - EPCOS B3815 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
May 15, 2002
SAW Components
B3815
385,0 MHz
Low-Loss Filter
Data Sheet
Ceramic package QCC8B
Features
q
Low-loss filter for Trunked Radio
q
Usable bandwidth 10 MHz
q
No matching required for operation at 50
Ω
q
Unbalanced to unbalanced or unbalanced to ba-
lanced operation
q
Package for Surface Mounted Technology
(SMT)
q
Hermetically sealed ceramic package
Terminals
q
Gold-plated
typ. Dimensions in mm, approx. weight 0,07 g
Pin configuration
5
Input
1
Output / Output balanced
2
Output ground / Output balanced
3, 6, 7
Ground
4, 8
Input ground / Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3815
B39391-B3815-Z810
C61157-A7-A46
F61074-V8037-Z000
Maximum ratings
Operable temperature range
TA
-30 / +70
˚C
Storage temperature range
Tstg
-40 / +85
˚C
DC voltage
VDC
0V
ESD voltage
VESD
100
V
Source power
Ps
15
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com