Electronic Components Datasheet Search
  English  ▼

X  

MP2109 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2109
Description  Dual 1.2MHz, 800mA Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2109 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2109_06 Datasheet HTML 1Page - Monolithic Power Systems MP2109_06 Datasheet HTML 2Page - Monolithic Power Systems MP2109_06 Datasheet HTML 3Page - Monolithic Power Systems MP2109_06 Datasheet HTML 4Page - Monolithic Power Systems MP2109_06 Datasheet HTML 5Page - Monolithic Power Systems MP2109_06 Datasheet HTML 6Page - Monolithic Power Systems MP2109_06 Datasheet HTML 7Page - Monolithic Power Systems MP2109_06 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP2109 – DUAL 1.2MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2109 Rev.1.4
www.MonolithicPower.com
5
10/16/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
OPERATION
IN1/
IN2
EN1/
EN2
FB1/
FB2
GND1/
GND2
SW1/
SW2
+
+
--
PWMCMP
PWM
OSC
+
--
EAMP
ICS
SLOPE COMP
FEEDBACK
ERROR\
AMP
0.6V
EAO
CC
17pF
BIAS
&
VOLTAGE
REFERENCE
PWM
CONTROL
LOGIC
1.0MHz
OSCILLATOR
IAMP
10X
CURRENT
SENSE
AMP
DH
DL
+
--
MAIN
SWITCH
(PCH)
SYNCHRONOUS
RECTIFIER
(NCH)
MP2109_BD02
Figure 1—Functional Block Diagram (Diagram represents ½ of the MP2109)
The MP2109 has dual independent constant
frequency current mode PWM step-down
converters. The MP2109 is optimized for low
voltage, Li-Ion battery powered applications
where high efficiency and small size are critical.
The MP2109 uses external resistor dividers to
set two output voltages independently from
0.6V to 6V. The device integrates both main
switches and synchronous rectifiers, which
provides high efficiency and eliminates the
need for an external Schottky diode. The
MP2109 can achieve 100% duty cycle. The
duty cycle D of each step-down converter is
defined as:
%
100
V
V
%
100
f
T
D
IN
OUT
OSC
ON
×
=
×
×
=
Where TON is the main switch on time, fOSC is
the oscillator frequency (1.2MHz), VOUT is the
output voltage and VIN is the input voltage.
Current Mode PWM Control
Slope compensated current mode PWM control
provides stable switching and cycle-by-cycle
current limit for superior load and line response
and protection of the internal main switch and
synchronous rectifier. Each channel switches at
a constant frequency (1.2MHz) and regulates
the output voltage. During each cycle the PWM
comparator modulates the power transferred to
the load by changing the inductor peak current
based on the feedback error voltage. During
normal operation, the main switch is turned on
for a certain time to ramp the inductor current at
each rising edge of the internal oscillator, and
switched off when the peak inductor current is
above the error voltage. When the main switch
is off, the synchronous rectifier will be turned on
immediately and stay on until the next cycle
starts.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com