Electronic Components Datasheet Search
  English  ▼

X  

SA7016DH Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA7016DH
Description  1.3GHz low voltage fractional-N synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA7016DH Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA7016DH Datasheet HTML 4Page - NXP Semiconductors SA7016DH Datasheet HTML 5Page - NXP Semiconductors SA7016DH Datasheet HTML 6Page - NXP Semiconductors SA7016DH Datasheet HTML 7Page - NXP Semiconductors SA7016DH Datasheet HTML 8Page - NXP Semiconductors SA7016DH Datasheet HTML 9Page - NXP Semiconductors SA7016DH Datasheet HTML 10Page - NXP Semiconductors SA7016DH Datasheet HTML 11Page - NXP Semiconductors SA7016DH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Philips Semiconductors
Product specification
SA7016
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
8
SR02103
R
X
P
N
REF DIVIDER
AUX/MAIN
DIVIDER
D
Q
CLK
“1”
R
D
R
CLK
“1”
X
Q
N
P
τ
VCC
IPH
GND
P–TYPE
CHARGE PUMP
N–TYPE
CHARGE PUMP
R
fREF
fREF
IPH
τ
τ
Figure 5.
Phase Detector Structure with Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com