Electronic Components Datasheet Search
  English  ▼

X  

MP2303 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2303
Description  3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2303 Datasheet HTML 4Page - Monolithic Power Systems MP2303 Datasheet HTML 5Page - Monolithic Power Systems MP2303 Datasheet HTML 6Page - Monolithic Power Systems MP2303 Datasheet HTML 7Page - Monolithic Power Systems MP2303 Datasheet HTML 8Page - Monolithic Power Systems MP2303 Datasheet HTML 9Page - Monolithic Power Systems MP2303 Datasheet HTML 10Page - Monolithic Power Systems MP2303 Datasheet HTML 11Page - Monolithic Power Systems MP2303 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2303 – 3A, 28V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP2303 Rev. 0.91
www.MonolithicPower.com
10
3/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
To optimize the compensation components for
conditions not listed in Table 2, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
Where fC is the desired crossover frequency,
34KHz.
2. Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of
the crossover frequency provides sufficient
phase margin. Determine the C3 value by the
following equation:
C
f
3
R
2
4
3
C
×
×
π
>
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the 340KHz switching
frequency, or the following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
If this is the case, then add the optional
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero. Determine the
C6 value by the equation:
3
R
R
2
C
6
C
ESR
×
=
Soft-Start Capacitor
To reduce input inrush current during startup, a
programmable soft-start is provided by
connecting a capacitor (C4) from pin SS to
GND. The soft-start time is given by:
A
6
V
8
.
0
4
C
tSS
µ
×
=
To reduce the susceptibility to noise, do not
leave SS pin open. Use a capacitor with small
value if you do not need soft-start function.
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the system has a 5V
fixed input or the power supply generates a 5V
output. This helps improve the efficiency of the
regulator. The bootstrap diode can be a low
cost one such as IN4148 or BAT54.
MP2303
SW
BS
10nF
5V
MP2303_F02
Figure 2—External Bootstrap Diode
This diode is also recommended for high duty
cycle operation (
IN
OUT
V
V
>65%) and high output
voltage (VOUT>12V) applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com