Electronic Components Datasheet Search
  English  ▼

X  

MP2309 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2309
Description  1A, 23V, 340KHz Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2309 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2309 Datasheet HTML 1Page - Monolithic Power Systems MP2309 Datasheet HTML 2Page - Monolithic Power Systems MP2309 Datasheet HTML 3Page - Monolithic Power Systems MP2309 Datasheet HTML 4Page - Monolithic Power Systems MP2309 Datasheet HTML 5Page - Monolithic Power Systems MP2309 Datasheet HTML 6Page - Monolithic Power Systems MP2309 Datasheet HTML 7Page - Monolithic Power Systems MP2309 Datasheet HTML 8Page - Monolithic Power Systems MP2309 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2309 – 1A, 23V, 340KHz SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
MP2309 Rev. 1.4
www.MonolithicPower.com
4
3/13/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 10µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless otherwise noted.
MP2309-TPC04
MP2309-TPC05
MP2309-TPC06
MP2309-TPC01
MP2309-TPC02
MP2309-TPC03
MP2309-TPC07
MP2309-TPC8
MP2309-TPC09
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
VIN, AC
200mV/div.
VO, AC
20mV/div.
VSW
10V/div.
IL
1A/div.
VIN, AC
20mV/div.
VO, AC
20mV/div.
VSW
10V/div.
IL
1A/div.
VOUT
200mV/div.
iLOAD
1A/div.
IL
1A/div.
VOUT
2V/div.
IL
1A/div.
VOUT
2V/div.
IL
1A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
Shutdown through Enable
VIN = 12V, VOUT = 3.3V, No Load
Short Circuit Recovery
Short Circuit Entry
Load Transient Test
VIN = 12V, VOUT = 3.3V,
IOUT = 0.2A to 1A steps
Shutdown through Enable
VIN = 12V, VOUT = 3.3V,
IOUT = 1A (Resistance Load)
No Load Operation
No Load
Full Load Operation
1A Load
2ms/div.
2ms/div.
2ms/div.
2ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com