Electronic Components Datasheet Search
  English  ▼

X  

MP2359 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2359
Description  1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2359 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2359 Datasheet HTML 1Page - Monolithic Power Systems MP2359 Datasheet HTML 2Page - Monolithic Power Systems MP2359 Datasheet HTML 3Page - Monolithic Power Systems MP2359 Datasheet HTML 4Page - Monolithic Power Systems MP2359 Datasheet HTML 5Page - Monolithic Power Systems MP2359 Datasheet HTML 6Page - Monolithic Power Systems MP2359 Datasheet HTML 7Page - Monolithic Power Systems MP2359 Datasheet HTML 8Page - Monolithic Power Systems MP2359 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP2359
1.2A, 24V, 1.4MHz
Step-Down Converter in a TSOT23-6
MP2359 Rev. 1.1
www.MonolithicPower.com
1
6/23/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2359 is a monolithic step-down switch
mode converter with a built-in power MOSFET.
It achieves 1.2A peak output current over a
wide input supply range with excellent load and
line
regulation.
Current
mode
operation
provides fast transient response and eases loop
stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal
shutdown.
The MP2359 requires a minimum number of
readily available standard external components.
The MP2359 is available in TSOT23-6 and
SOT23-6 packages.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2359DJ-00B
2.1”X x 1.9”Y x 0.4”Z
FEATURES
• 1.2A Peak Output Current
• 0.35Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 92% Efficiency
• 0.1µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.5V to 24V Operating Input Range
• Output Adjustable from 0.81V to 15V
• Available in TSOT23-6 and SOT23-6
Packages
APPLICATIONS
•
Distributed Power Systems
•
Battery Charger
•
Pre-Regulator for Linear Regulators
•
WLED Drivers
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2359
SW
FB
BST
GND
IN
EN
1
6
3
2
4
5
VOUT
3.3V @ 1.2A
CB
10nF
D1
B230A
VIN
12V
OFF ON
Efficiency vs
Load Currents
VIN = 12V
VIN = 24V
VOUT = 5V
100
90
80
70
60
50
40
30
20
10
0
LOAD CURRENT (A)
0.01
0.1
1
10


Similar Part No. - MP2359

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2359DJ MPS-MP2359DJ Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
logo
TECH PUBLIC Electronics...
MP2359DJ-LF-Z TECHPUBLIC-MP2359DJ-LF-Z Datasheet
6Mb / 10P
1.2A 1.4MHZ 30V PWM Sync Step Dowm DC/DC Converter
More results

Similar Description - MP2359

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP2357 MPS-MP2357 Datasheet
677Kb / 10P
0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com