Electronic Components Datasheet Search
  English  ▼

X  

B3825 Datasheet(PDF) 2 Page - EPCOS

Part # B3825
Description  SAW Components Low-loss Filter 380,00 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3825 Datasheet(HTML) 2 Page - EPCOS

  B3825 Datasheet HTML 1Page - EPCOS B3825 Datasheet HTML 2Page - EPCOS B3825 Datasheet HTML 3Page - EPCOS B3825 Datasheet HTML 4Page - EPCOS B3825 Datasheet HTML 5Page - EPCOS B3825 Datasheet HTML 6Page - EPCOS B3825 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
April 26, 2005
SAW Components
B3825
380,00 MHz
Low-Loss Filter
Data Sheet
Ceramic package QCC12C
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
000
000
000
000
111
111
111
111
00
00
00
00
11
11
11
11
000
000
000
000
111
111
111
111
000
000
000
000
111
111
111
111
000
000
000
000
000
000
111
111
111
111
111
111
000
000
000
000
000
111
111
111
111
111
00
00
00
00
00
11
11
11
11
11
00
00
00
00
00
11
11
11
11
11
side view
7,0
top view
2,54
2
8
0,6
3
1
7
bottom view
9
Features
s
IF low-loss filter for base stations
s
Channel selection in W-CDMA systems
s
Balanced and unbalanced operation possible
s
3,84 MHz usable bandwidth
s
Ceramic SMD package
Terminals
s
Gold plated
Dim. in mm, aprox. weight 0,22 g
Pin configuration
12
Input
10
Input ground or balanced input
6
Output
4
Output ground or balanced output
1, 2, 7, 8
to be grounded
3, 9
Case - ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3825
B39381-B3825-H310
C61157-A7-A95
F61074-V8170-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com