Electronic Components Datasheet Search
  English  ▼

X  

1489948 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1489948
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1489948 Datasheet(HTML) 1 Page - Festo Corporation.

  1489948 Datasheet HTML 1Page - Festo Corporation. 1489948 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VZWP-L-M22C-G34-250-V-1P4-40
Part number: 1489948
General operating condition
Data sheet
Feature
Value
Structural design
Pilot-controlled piston poppet valve
Actuation type
Electrical
Sealing principle
Soft
Mounting position
Coil preferably on top
Type of mounting
Line installation
Fitting connection
G3/4
Electrical connection
Form A
Plug
as per EN 175301-803
Rectangular design
Nominal width
25 mm
Valve function
2/2, closed, monostable
Manual override
None
Flow direction
Non-reversible
Medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Neutral liquids
Other flow media on request
Nominal pressure of fitting PN
40
Pressure difference
0.05 MPa
Differential pressure
0.5 bar
Pressure difference
7.25 psi
Coil characteristics
24 V DC: 6.8 W
Insulation class
H
Permissible voltage fluctuations
+/- 10 %
Duty cycle
100%
Type of control
Pilot-controlled
Symbol
00992974
Medium pressure
0.05 MPa ... 4 MPa
Medium pressure
0.5 bar ... 40 bar
Medium pressure
7.25 psi ... 580 psi
7/9/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 1489948

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1489948-1 MACOM-1489948-1 Datasheet
347Kb / 3P
XFP Connectors 788862-[ ] and 1367500-1 and Cage Assembly 1489951-1
1489948-2 MACOM-1489948-2 Datasheet
22Kb / 1P
HEAT SINK CLIP XFP
1489948-2 MACOM-1489948-2 Datasheet
4Mb / 6P
Quick Reference Guide
1489948-2 MACOM-1489948-2 Datasheet
491Kb / 3P
XFP Products
logo
TE Connectivity Ltd
1489948-2 TEC-1489948-2 Datasheet
215Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1489948

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com