Electronic Components Datasheet Search
  English  ▼

X  

METROXS Datasheet(PDF) 1 Page - Exar Corporation

Part # METROXS
Description  INDUSTRY-FIRST, 5G MULTI-SERVICE ACCESS PLATFORM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

METROXS Datasheet(HTML) 1 Page - Exar Corporation

  METROXS Datasheet HTML 1Page - Exar Corporation METROXS Datasheet HTML 2Page - Exar Corporation METROXS Datasheet HTML 3Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
PRELIMINARY
METROXS
INDUSTRY-FIRST, 5G MULTI-SERVICE ACCESS PLATFORM
MARCH 2007
REV. P1.0.0
GENERAL DESCRIPTION
MetroXS is a complete carrier class 5G multi-service
access reference design that achieves Ethernet &
Resilient Packet Ring (RPR) transport over SONET/
SDH networks. MetroXS is composed of several
market-proven Exar devices: the EXtendAR 48
(XRT95L53) multi-protocol framer, and Exar's OC-48/
STM-16 SONET/SDH PHY (XRT91L80), plus a
channelized 5G Resilient Packet Ring (RPR) MAC,
and 4 GE/24 FE port Ethernet aggregator. In addition,
MetroXS includes Exar's unified software API
structure enabling system vendors to port their
innovative applications on this platform with ease.
The hardware supports point-to-point or ring network
configuration for the efficient and cost effective
transport of packet data. The data path of processing
elements is defined by a MPoS mapper (the
XRT95L53), a 5G BW RPR-MAC, and a 4-port triple-
rate Ethernet aggregation device. The RPR-MAC
east-side client port is sourced from the Ethernet
aggregator while the un-occupied client port may be
sourced from a third party network processor. The
configuration
and
control
of
these
data-path
processing elements is performed with an MPC866
SBC hosting embedded Linux 2.6.
The MetroXS software comprises of a suite of
embedded Linux 2.6 low-level device drivers and OS
transparent API for configuration and control of the
data-path. The stacked architecture lends itself for
easy portability of the device drivers and API across
other OS platforms. A PC hosted GUI client
communicates over a 10/100Base-Tx link with the
MetroXS CLI shim layer over the API. The software
suite also supports a diagnostic back-door serial port
during bring-up and debug for future system level
enhancements.
BENEFITS
• Best of SONET and Ethernet:
■ Fair access to ring bandwidth
■ Guaranteed BW allocation to high priority traffic
■ 50 ms ring protection
■ Optimized and cost-effective for data/cell based
traffic
• Flexible architecture supports multiple services:
■ TDM services with flexible and dynamic provisioning
■ Efficient transport of PDU traffic over NG SONET/
SDH
■ MEF E-Line Services
■ MEF E-LAN services
• Software:
■ Full suite of software:
■Embedded Linux 2.6 Low level drivers
■API for configuring and controlling Client, RMAC
& Transport
■ Optional higher layer software to implement a full-
featured RPR system
■ Highly portable software
■Platform independent API
■OS adaptation layer features
FEATURES
CLIENT SIDE FEATURES
• 4 10/100/1000 Base-Tx copper ports
■ IEEE 802.3x Flow control including jumbo frames
■ IEEE 802.1p Class of service, priority protocols
■ IEEE 802.3ad link aggregation
■ IEEE 802.1ad VLAN Stacking
• Traffic Engineering & QoS
■ Flexible BW Oversubscription up to 4:1 using
MDRR scheduling algorithm
■ Class of Service, CoS per port identified by
■IEEE 802.1Q VLAN tagging
■IEEE 802.1p with 8 queues per port
■IP DSCP field
■ Port based ingress traffic policing using TRTCM with
a granularity of 64Kbps
■ WRED based scheduling algorithm per queue
■ Port-based egress traffic shaping in 64Kbps steps
• Extensive RMON statistics
TRANSPORT FEATURES
• Supports 2xOC-48 SONET/SDH rings
■ Sub 50ms of failure recovery
• Efficient transport for multi-protocol PDUs: ATM,
Ethernet, LAPS, PPP, HDLC, GFP-F
• Compliant to G.7042 next-gen SONET/SDH for dynamic
bandwidth provisioning using VCAT/LCAS
• Support for GR-253 compliant alarms and performance
monitoring RPR FEATURES
• Compliant to IEEE 802.17
• RPR node Topology Database, 256 entries
• Supports Steering, and ringlet selection
• Supports 4 Class of Service
■ Class A0 (guaranteed bandwidth) & A1
■ Class B: B-CIR and B-EIR
• Supports rate limiting of Class A, B-CIR, B-EIR, C


Similar Part No. - METROXS

ManufacturerPart #DatasheetDescription
logo
GT Line srl a socio uni...
METRIC MM-KG-C GTLINE-METRIC MM-KG-C Datasheet
1,000Kb / 2P
EXPLORER CASES, ULTRALIGHT WATERPROOF CASE
More results

Similar Description - METROXS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
Multi-Platform Multi-Phase PWM Controller
logo
Level One
WAB-5120 LVL1-WAB-5120 Datasheet
193Kb / 4P
300Mbps 5G Wireless Outdoor PoE Access Point / Bridge
logo
Xilinx, Inc
XC2V40 XILINX-XC2V40 Datasheet
128Kb / 7P
Industry First Platform FPGA Solution
XC2V40 XILINX-XC2V40_1 Datasheet
2Mb / 318P
Industry First Platform FPGA Solution
XC2V1500 XILINX-XC2V1500 Datasheet
128Kb / 7P
Industry First Platform FPGA Solution
DS124 XILINX-DS124 Datasheet
1Mb / 123P
Industry First Radiation-Hardened FPGA Solution
logo
Microchip Technology
IS2062 MICROCHIP-IS2062 Datasheet
8Mb / 74P
Generic access service
07/14/15
logo
Advantech Co., Ltd.
968SPUSTL0 ADVANTECH-968SPUSTL0 Datasheet
1,015Kb / 2P
Multi-solution integrated platform:
EI-A230 ADVANTECH-EI-A230 Datasheet
719Kb / 2P
Edge Cloud Solution with Scalable Data Service Platform
29-May-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com