Electronic Components Datasheet Search
  English  ▼

X  

SA8016DH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA8016DH
Description  2.5GHz low voltage fractional-N synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8016DH Datasheet(HTML) 3 Page - NXP Semiconductors

  SA8016DH Datasheet HTML 1Page - NXP Semiconductors SA8016DH Datasheet HTML 2Page - NXP Semiconductors SA8016DH Datasheet HTML 3Page - NXP Semiconductors SA8016DH Datasheet HTML 4Page - NXP Semiconductors SA8016DH Datasheet HTML 5Page - NXP Semiconductors SA8016DH Datasheet HTML 6Page - NXP Semiconductors SA8016DH Datasheet HTML 7Page - NXP Semiconductors SA8016DH Datasheet HTML 8Page - NXP Semiconductors SA8016DH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Philips Semiconductors
Product specification
SA8016
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
3
SR01506
CLOCK
DATA
STROBE
RFin+
RFin–
REFin+
REFin–
TEST
LOAD SIGNALS
ADDRESS DECODER
2–BIT SHIFT
REGISTER
22–BIT SHIFT
REGISTER
CONTROL
LATCH
LATCH
MAIN DIVIDER
REFERENCE
DIVIDER
LATCH
AMP
11
12
6
5
15
14
13
2
PHASE
DETECTOR
COMP
PUMP
BIAS
PUMP
CURRENT
SETTING
GND
4
7
3
GNDCP
VDD
RSET
VDDCP
PHP
LOCK
10
9
8
1
PON
16
Figure 3.
Block Diagram (TSSOP16)
TSSOP16 PIN DESCRIPTION
SYMBOL
PIN
DESCRIPTION
LOCK
1
Lock detect output
TEST
2
Test (should be either grounded or
connected to VDD)
VDD
3
Digital supply
GND
4
Digital ground
RFin+
5
RF input to main divider
RFin–
6
RF input to main divider
GNDCP
7
Charge pump ground
PHP
8
Main normal charge pump
VDDCP
9
Charge pump supply voltage
RSET
10
External resistor from this pin to ground
sets the charge pump current
REFin–
11
Reference input
REFin+
12
Reference input
CLOCK
13
Programming bus clock input
DATA
14
Programming bus data input
STROBE
15
Programming bus enable input
PON
16
Power down control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com