Electronic Components Datasheet Search
  English  ▼

X  

SA8025A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA8025A
Description  Low-voltage 1.8GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8025A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA8025A Datasheet HTML 4Page - NXP Semiconductors SA8025A Datasheet HTML 5Page - NXP Semiconductors SA8025A Datasheet HTML 6Page - NXP Semiconductors SA8025A Datasheet HTML 7Page - NXP Semiconductors SA8025A Datasheet HTML 8Page - NXP Semiconductors SA8025A Datasheet HTML 9Page - NXP Semiconductors SA8025A Datasheet HTML 10Page - NXP Semiconductors SA8025A Datasheet HTML 11Page - NXP Semiconductors SA8025A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Philips Semiconductors
Product specification
SA8025A
1.8GHz low-voltage Fractional-N synthesizer
1996 Oct 15
8
I2
I1
I2
I1
V1
V2
CURRENT
VOLTAGE
SR00625
Figure 3. Relative Output Current Variation
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
CLOCK
DATA
STROBE
VSS
RFIN
RFIN
VCCP
REFIN
RA
AUXIN
VDD
TEST
LOCK
RF
RN
VDDA
PHP
PHI
VSSA
PHA
SA8025A
VDD
A
VPH
P
VPHI
VPH
A
VDD
CLOCK
DATA
STROBE
RFIN
RFIN
VCCP
REFIN
AUXIN
150k
TEST
22nF
RF
150k
22nF
1k
RN
100
1k
22nF
50
50
22nF
22nF
150k
22nF
22nF
50
50
10
µF
10
µF
10
µF
LOCK
10K
SR00626
Figure 4. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com