Electronic Components Datasheet Search
  English  ▼

X  

MP3213DH Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3213DH
Description  700KHz/1.3MHz Boost Converter with a 3.5A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3213DH Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3213DH Datasheet HTML 2Page - Monolithic Power Systems MP3213DH Datasheet HTML 3Page - Monolithic Power Systems MP3213DH Datasheet HTML 4Page - Monolithic Power Systems MP3213DH Datasheet HTML 5Page - Monolithic Power Systems MP3213DH Datasheet HTML 6Page - Monolithic Power Systems MP3213DH Datasheet HTML 7Page - Monolithic Power Systems MP3213DH Datasheet HTML 8Page - Monolithic Power Systems MP3213DH Datasheet HTML 9Page - Monolithic Power Systems MP3213DH Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP3213 – 700KHZ/1.3MHZ BOOST CONVERTER WITH A 3.5A SWITCH
MP3213 Rev. 1.1
www.MonolithicPower.com
8
5/12/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
Compensation
The output of the transconductance error
amplifier (COMP) is used to compensate the
regulation control system. The system uses two
poles and one zero to stabilize the control loop.
The poles are fP1 set by the output capacitor C2
and load resistance and fP2 set by the
compensation capacitor C3. The zero fZ1 is set
by the compensation capacitor C3 and the
compensation
resistor
R3.
These
are
determined by the equations:
LOAD
1
P
R
C2
1
f
×
×
π
=
VEA
EA
2
P
A
C3
2
G
f
×
×
π
×
=
R3
C3
2
1
f 1
Z
×
×
π
×
=
Where RLOAD is the load resistance, GEA is the
error amplifier transconductance, and AVEA is
the error amplifier voltage gain.
The DC loop gain is:
2
LOAD
OUT
FB
IN
VEA
VDC
V
V
R
V
A
5
.
1
A
×
×
×
×
=
Where VFB is the feedback regulation threshold.
There is also a right-half-plane zero (fRHPZ) that
exists in continuous conduction mode (inductor
current does not drop to zero on each cycle)
step-up converters. The frequency of the right
half plane zero is:
2
2
OUT
LOAD
IN
RHPZ
V
L
2
R
V
f
×
×
π
×
×
=
Table
1
lists
generally
recommended
compensation components for different input
voltage, output voltage and capacitance of most
frequently used output ceramic capacitors.
Ceramic capacitors have extremely low ESR,
therefore the second compensation capacitor
(from COMP to GND) is not required.
Table 1—Component Selection
VIN
(V)
VOUT
(V)
C2
(µF)
R3
(kΩ)
C3
(nF)
3.3
8
4.7
10
2.2
3.3
8
10
10
2.2
3.3
8
22
10
2.2
3.3
12
4.7
15
1
3.3
12
10
15
1
3.3
12
22
15
2.2
3.3
18
4.7
20
1
3.3
18
10
20
1
3.3
18
22
30
2.2
5
8
4.7
10
4.7
5
8
10
10
4.7
5
8
22
15
1
5
12
4.7
15
2.2
5
12
10
15
2.2
5
12
22
20
1
5
18
4.7
20
1
5
18
10
20
1
5
18
22
30
1
12
15
4.7
10
2.2
12
15
10
10
2.2
12
15
22
15
1
12
18
4.7
5.1
2.2
12
18
10
5.1
2.2
12
18
22
15
1
For faster control loop and better transient
response, set the capacitor C3 to the
recommended value in Table 1. Then slowly
increase the resistor R3 and check the load
step response on a bench to make sure the
ringing and overshoot on the output voltage at
the edge of the load steps is minimal. Finally,
the compensation needs to be checked by
calculating the DC loop gain and the crossover
frequency. The crossover frequency where the
loop gain drops to 0dB or a gain of 1 can be
obtained visually by placing a –20dB/decade
slope at each pole, and a +20dB/decade slope
at each zero. The crossover frequency should
be at least one decade below the frequency of
the right-half-plane zero at maximum output
load current to obtain high enough phase
margin for stability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com