Electronic Components Datasheet Search
  English  ▼

X  

SA8025ADK Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SA8025ADK
Description  Low-voltage 1.8GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8025ADK Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SA8025ADK Datasheet HTML 14Page - NXP Semiconductors SA8025ADK Datasheet HTML 15Page - NXP Semiconductors SA8025ADK Datasheet HTML 16Page - NXP Semiconductors SA8025ADK Datasheet HTML 17Page - NXP Semiconductors SA8025ADK Datasheet HTML 18Page - NXP Semiconductors SA8025ADK Datasheet HTML 19Page - NXP Semiconductors SA8025ADK Datasheet HTML 20Page - NXP Semiconductors SA8025ADK Datasheet HTML 21Page - NXP Semiconductors SA8025ADK Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Philips Semiconductors
Product specification
SA8025A
1.8GHz low-voltage Fractional-N synthesizer
1996 Oct 15
18
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
3/3V
3/5V
5/5V
N=100
VDD/VDDA
10
15
20
25
30
35
40
45
50
55
0
–5
–10
–15
–20
–25
–30
FREQUENCY (MHz)
SR00569
Figure 18. Reference Divider Minimum Input Power vs
Frequency and Supply
TA =amb,
PA=1,
N=100
30
50
70
90
110
130
150
FREQUENCY (MHz)
0
–5
–10
–15
–20
–25
–30
VDD/VDDA
3/3V
3/5V
5/5V
SR00570
Figure 19. Auxiliary Divider Minimum Input Power vs
Frequency and Supply
TA = amb,
PA=0,
N=25
50
100
150
200
250
FREQUENCY (MHz)
0
VDD/VDDA
–5
–10
–15
–20
–25
–30
3/3V
3/5V
5/5V
SR00571
Figure 20. Auxiliary Divider Minimum Input Power vs
Frequency and Supply
10
15
20
25
30
35
40
5
FREQUENCY (dBm)
0
–5
–10
–15
–20
VDD= 3V,
VDDA= 5V,
N = 100
t = –40
°C
t = 25
°C
t = 85
°C
SR00572
Figure 21. Reference Divider Minimum Input Power vs
Frequency and Temperature
VDD =3V,
VDDA=5V,
PA=1,
N=100
30
50
70
90
FREQUENCY (MHz)
–10
–15
–20
–25
t = –40
°C
t = 25
°C
t = 85
°C
SR00573
Figure 22. Auxiliary Divider Minimum Input Power vs
Frequency and Temperature
VDD=3V,
VDDA=5V
50
100
150
200
FREQUENCY (MHz)
0
–5
–10
–15
–20
t = –40
°C
t = 25
°C
t = 85
°C
PA=0,
N=25
SR00574
Figure 23. Auxiliary Divider Minumum Input Power vs
Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com