Electronic Components Datasheet Search
  English  ▼

X  

ST16C550 Datasheet(PDF) 13 Page - Exar Corporation

Part # ST16C550
Description  UART WITH 16-BYTE FIFO?셲
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C550 Datasheet(HTML) 13 Page - Exar Corporation

Back Button ST16C550 Datasheet HTML 9Page - Exar Corporation ST16C550 Datasheet HTML 10Page - Exar Corporation ST16C550 Datasheet HTML 11Page - Exar Corporation ST16C550 Datasheet HTML 12Page - Exar Corporation ST16C550 Datasheet HTML 13Page - Exar Corporation ST16C550 Datasheet HTML 14Page - Exar Corporation ST16C550 Datasheet HTML 15Page - Exar Corporation ST16C550 Datasheet HTML 16Page - Exar Corporation ST16C550 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ST16C550
13
Rev. 5.01
REGISTER FUNCTIONAL DESCRIPTIONS
The following table delineates the assigned bit functions for the twelve ST16C550 internal registers. The assigned
bit functions are more fully defined in the following paragraphs.
Table 4, ST16C550 INTERNAL REGISTERS
A2 A1 A0
Register
BIT-7
BIT-6
BIT-5
BIT-4
BIT-3
BIT-2
BIT-1
BIT-0
[Default]
Note *2
General Register Set
0
0
0
RHR [XX]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0
0
0
THR [XX]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0
0
1
IER [00]
0000
modem
receive
transmit
receive
status
line
holding
holding
interrupt
status
register
register
interrupt
0
1
0
FCR [00]
RCVR
RCVR
0
0
DMA
XMIT
RCVR
FIFO
trigger
trigger
mode
FIFO
FIFO
enable
(MSB)
(LSB)
select
reset
reset
0
1
0
ISR [01]
FIFO’s
FIFO’s
0
0
INT
INT
INT
INT
enabled
enabled
priority
priority
priority
status
bit-2
bit-1
bit-0
0
1
1
LCR [00]
divisor
set
set
even
parity
stop
word
word
latch
break
parity
parity
enable
bits
length
length
enable
bit-1
bit-0
1
0
0
MCR [00]
0
0
0
loopback
-OP2
-OP1
-RTS
-DTR
enable
1
0
1
LSR [60]
FIFO
trans.
trans.
break
framing
parity
overrun
receive
data
empty
holding
interrupt
error
error
error
data
error
empty
ready
1
1
0
MSR [X0]
CD
RI
DSR
CTS
delta
delta
delta
delta
-CD
-RI
-DSR
-CTS
1
1
1
SPR [FF]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
Baud Rate Generator Divisor Registers. Accessible when LCR bit-7 is set to logic 1. Note 1*
0
0
0
DLL [XX]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0
0
1
DLM [XX]
bit-15
bit-14
bit-13
bit-12
bit-11
bit-10
bit-9
bit-8
Note *1: The BRG registers are accessible only when LCR bit-7 is set to a logic 1.
Note *2: The value represents the register’s initialized HEX value. An “X” signifies a 4-bit un-initialized nibble.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com