Electronic Components Datasheet Search
  English  ▼

X  

SA8026DH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA8026DH
Description  2.5GHz low voltage fractional-N dual frequency synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8026DH Datasheet(HTML) 3 Page - NXP Semiconductors

  SA8026DH Datasheet HTML 1Page - NXP Semiconductors SA8026DH Datasheet HTML 2Page - NXP Semiconductors SA8026DH Datasheet HTML 3Page - NXP Semiconductors SA8026DH Datasheet HTML 4Page - NXP Semiconductors SA8026DH Datasheet HTML 5Page - NXP Semiconductors SA8026DH Datasheet HTML 6Page - NXP Semiconductors SA8026DH Datasheet HTML 7Page - NXP Semiconductors SA8026DH Datasheet HTML 8Page - NXP Semiconductors SA8026DH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Philips Semiconductors
Product specification
SA8026
2.5GHz low voltage fractional-N dual frequency
synthesizer
1999 Nov 04
3
VDD
SR01496
CLOCK
DATA
STROBE
RFin+
RFin–
REFin+
REFin–
AUXin
TEST
LOAD SIGNALS
ADDRESS DECODER
2–BIT SHIFT
REGISTER
22–BIT SHIFT
REGISTER
CONTROL
LATCH
LATCH
MAIN DIVIDER
SM
REFERENCE
DIVIDER
22 2 2
LATCH
AMP
AMP
15
16
6
5
19
18
17
12
2
LATCH
AUX DIVIDER
PHASE
DETECTOR
PHASE
DETECTOR
COMP
PUMP
BIAS
PUMP
CURRENT
SETTING
13
VDDCP
GND
4
SA
7, 10
3
GNDCP
RSET
PHP
PHI
LOCK
PHA
14
8
9
1
11
PON
20
Figure 2.
Block Diagram
PINNING
SYMBOL
PIN
DESCRIPTION
LOCK
1
Lock detect output
TEST
2
Test (should be either grounded or
connected to VDD)
VDD
3
Digital supply
GND
4
Digital ground
RFin+
5
RF input to main divider
RFin–
6
RF input to main divider
GNDCP
7
Charge pump ground
PHP
8
Main normal charge pump
PHI
9
Main integral charge pump
GNDCP
10
Charge pump ground
SYMBOL
PIN
DESCRIPTION
PHA
11
Auxiliary charge pump output
AUXin
12
Input to auxiliary divider
VDDCP
13
Charge pump supply voltage
RSET
14
External resistor from this pin to ground
sets the charge pump current
REFin–
15
Reference input
REFin+
16
Reference input
CLOCK
17
Programming bus clock input
DATA
18
Programming bus data input
STROBE
19
Programming bus enable input
PON
20
Power down control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com