Electronic Components Datasheet Search
  English  ▼

X  

B3834 Datasheet(PDF) 5 Page - EPCOS

Part # B3834
Description  SAW Components Low-Loss Filter 390,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3834 Datasheet(HTML) 5 Page - EPCOS

  B3834 Datasheet HTML 1Page - EPCOS B3834 Datasheet HTML 2Page - EPCOS B3834 Datasheet HTML 3Page - EPCOS B3834 Datasheet HTML 4Page - EPCOS B3834 Datasheet HTML 5Page - EPCOS B3834 Datasheet HTML 6Page - EPCOS B3834 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Oct 17, 2001
SAW Components
B3834
390,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T = -30 ... +80 ˚C
Terminating source impedance:
50
Ω
Terminating load impedance:
50
Ω
min.
typ.
max.
Nominal frequency
fN
—
390,0
—
MHz
Maximum insertion attenuation
α
max
380,0 MHz ... 381,0 MHz
—
2,3
3,1
dB
381,0 MHz ... 399,0 MHz
—
2,2
2,7
dB
399,0 MHz ... 400,0 MHz
—
2,5
3,1
dB
Amplitude ripple (p-p)
∆α
380,0 MHz ... 381,0 MHz
—
0,7
1,5
dB
381,0 MHz ... 399,0 MHz
—
0,7
1,0
dB
399,0 MHz ... 400,0 MHz
—
0,7
1,5
dB
Absolute attenuation
α
abs
0,1 MHz ... 349,0 MHz
20
25
—
dB
434,825 MHz ... 454,825 MHz
10
20
—
dB
489,650 MHz ... 509,650 MHz
28
30
—
dB
599,300 MHz ... 619,300 MHz
24
28
—
dB
619,300 MHz ... 1000,00 MHz
26
29
—
dB
Return loss (Input)
380,0 MHz ... 385,0 MHz
8,0
9,0
—
dB
385,0 MHz ... 400,0 MHz
10,0
12,0
—
dB
Return loss (Output)
380,0 MHz ... 400,0 MHz
10,0
12,0
—
dB
Temperature coefficient of frequency
TCf
—
– 70
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com