Electronic Components Datasheet Search
  English  ▼

X  

B3839 Datasheet(PDF) 3 Page - EPCOS

Part # B3839
Description  SAW Components Low-Loss Filter 333,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3839 Datasheet(HTML) 3 Page - EPCOS

  B3839 Datasheet HTML 1Page - EPCOS B3839 Datasheet HTML 2Page - EPCOS B3839 Datasheet HTML 3Page - EPCOS B3839 Datasheet HTML 4Page - EPCOS B3839 Datasheet HTML 5Page - EPCOS B3839 Datasheet HTML 6Page - EPCOS B3839 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Jan 08, 2002
SAW Components
B3839
333,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -40 ... 85 ˚C
Terminating source impedance:
ZS = 50 Ω and external matching network
Terminating load impedance:
ZL = 50 Ω and external matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Center frequency
fc
α
rel = 3,0 dB
332,88
333,0
333,12
MHz
Minimum insertion attenuation
α
min
—
6,5
8
dB
Passband width
α
rel ≤ 3,0 dB
B3,0dB
900
1010
1045
kHz
α
rel ≤ 20,0 dB
B20dB
—
1840
2000
kHz
α
rel ≤ 30,0 dB
B30dB
—
2080
2250
kHz
α
rel ≤ 40,0 dB
B40dB
—
2250
2500
kHz
α
rel ≤ 50,0 dB
B50dB
—
4500
—
kHz
Relative attenuation (relative to
α
min)
α
rel
fc − 50,0 MHz ... fc − 3,0 MHz
48
50
—
dB
fc + 3,0 MHz ... fc + 20,0 MHz
47
50
—
dB
fc + 20,0 MHz ... fc + 40,0 MHz
44
48
—
dB
fc + 40,0 MHz ... fc + 50,0 MHz
48
50
—
dB
Amplitude ripple (p-p)
∆α
fc ± 0,4 MHz
—
0,5
1,0
dB
Absolute group delay (at
fc)
τ
—
0,9
—
µs
Group delay ripple (p-p)
∆τ
fc ± 0,4 MHz
—
430
500
ns
Reflected Wave Signal Suppression
12
µs ... 20 µs after main pulse
70
80
—
dB
Temperature coefficient of frequency 1)
TCf
—
–0,036
—
ppm/K2
Turnover temperature
T0
—15
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com