Electronic Components Datasheet Search
  English  ▼

X  

B3841 Datasheet(PDF) 3 Page - EPCOS

Part # B3841
Description  SAW Components Low-Loss Filter 174,2 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3841 Datasheet(HTML) 3 Page - EPCOS

  B3841 Datasheet HTML 1Page - EPCOS B3841 Datasheet HTML 2Page - EPCOS B3841 Datasheet HTML 3Page - EPCOS B3841 Datasheet HTML 4Page - EPCOS B3841 Datasheet HTML 5Page - EPCOS B3841 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Feb 26, 2002
SAW Components
B3841
174,2 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -5 to +85 ˚C
Terminating source impedance:
ZS = 250 Ω || 43 nH
Terminating load impedance:
ZL = 400 Ω|| 92 nH
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
174,2
—
MHz
Minimum insertion attenuation
α
min
—
6,2
8,0
dB
3dB bandwidth
α
rel
≤ 3,0 dB
B3,0dB
660
730
—
kHz
Amplitude ripple (p-p)
fN ± 67 kHz
∆α
—
0,1
0,25 dB
fN ± 125 kHz
∆α
—
0,3
1,0
dB
fN ± 200 kHz
∆α
—
0,6
1,2
dB
Absolute group delay (at
fN )τ
—
2,3
2,6
µs
Group delay ripple (p-p)
fN ± 200 kHz
∆τ
—
190
260
ns
Relative attenuation (relative to
α
min)
α
rel
fN ± 469 kHz
...
fN ± 600 kHz
4
10
—
dB
fN ± 600 kHz
...
fN ± 860 kHz
11
20
—
dB
fN ± 860 kHz
...
fN ± 1200 kHz
20
30
—
dB
20
MHz
...
168,2
MHz
50
60
—
dB
168,2
MHz
...
fN − 1200 kHz
40
50
—
dB
fN + 1200 kHz
...
180,2
MHz
40
43
—
dB
180,2
MHz
...
400
MHz
50
70
—
dB
Return loss (at
fN )
10
12
—
dB
Temperature coefficient of frequency 1)
TCf
—
–0,036
—
ppm/K2
Turnover temperature
T0
—40
—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com