Electronic Components Datasheet Search
  English  ▼

X  

B3853 Datasheet(PDF) 3 Page - EPCOS

Part # B3853
Description  SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3853 Datasheet(HTML) 3 Page - EPCOS

  B3853 Datasheet HTML 1Page - EPCOS B3853 Datasheet HTML 2Page - EPCOS B3853 Datasheet HTML 3Page - EPCOS B3853 Datasheet HTML 4Page - EPCOS B3853 Datasheet HTML 5Page - EPCOS B3853 Datasheet HTML 6Page - EPCOS B3853 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Sep 30, 2002
SAW Components
B3853
141,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= 0 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω and external matching network
Terminating load impedance:
ZL = 50 Ω and external matching network
1) Except for two peaks around 144 and 146 MHz with typically 45dB
2) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
141,0
—
MHz
Minimum insertion attenuation
α
N
—
11,0
13,0
dB
3,75 dB bandwidth
α
rel ≤ 3,75dB
B3,75dB
1,18
1,32
—
MHz
Amplitude ripple (p-p)
fN ± 525 kHz
∆α
—
0,2
1,0
dB
Phase Linearity (rms)
fN ± 630 kHz
∆ϕ
—
1,0
2,0
deg
Absolute group delay
@
fN
τ
—
2,75
—
µs
Group delay ripple (p-p)
fN ± 525 kHz
∆τ
—
100
300
ns
Relative attenuation (relative to
α
N)
α
rel
50 MHz
...
120 MHz
50
60
—
dB
120 MHz
...
fN − 1350 kHz
45
52
—
dB
fN − 1350 kHz
...
fN − 1250 kHz
41
45
—
dB
fN + 1250 kHz
...
fN + 1750 kHz
41
45
—
dB
fN + 1750 kHz
...
175 MHz 1)
45
48
—
dB
175 MHz
...
500 MHz
60
70
—
dB
Return loss
fN ± 525 kHz
10
15
—
dB
3rd-order intercept point
IP3
40
45
—
dB
Temperature coefficient of frequency 2)
TCf
—
–0,036
—
ppm/K2
Turnover temperature
T0
—
42,5
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com