Electronic Components Datasheet Search
  English  ▼

X  

B3855 Datasheet(PDF) 3 Page - EPCOS

Part # B3855
Description  SAW Components Low-Loss Filter 169,00 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3855 Datasheet(HTML) 3 Page - EPCOS

  B3855 Datasheet HTML 1Page - EPCOS B3855 Datasheet HTML 2Page - EPCOS B3855 Datasheet HTML 3Page - EPCOS B3855 Datasheet HTML 4Page - EPCOS B3855 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jan 31, 2005
SAW Components
B3855
169,00 MHz
Low Loss Filter
Data Sheet
Characteristics
Operating temperature:
TA = -40 ... +85 ˚C
Terminating source impedance:
ZS = 200 Ω and matching network
Terminating load impedance:
ZL = 200 Ω and matching network
Group delay aperture:
150 kHz
min.
typ.
max.
Nominal frequency
fN
—
169,00
—
MHz
Minimum insertion attenuation
α
min
1,5
2,0
3,5
dB
(including matching network)
Passband width
α
rel ≤ 1 dB
B1dB
—
7,5
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 2,0 MHz
—
0,2
0,5
dB
Group delay ripple (p-p)
∆τ
fN ± 2,0 MHz
—
40
80
ns
Absolute group delay
τ
mean value within
fN ± 2,0 MHz
127
130
137
ns
Relative attenuation (relative to
α
min)
α
rel
10 MHz
...
144 MHz
40
50
—
dB
144 MHz
...
148 MHz
20
40
—
dB
190 MHz
...
194 MHz
20
50
—
dB
194 MHz
...
2,0 GHz
40
45
—
dB
2,0 GHz
...
2,5 GHz
35
40
—
dB
VSWR
—
2,0:1
2,5:1
Impedance at fN (without matching)
Input:
ZIN = RIN || CIN
—
690 || 1,3
—
Ω || pF
Output: ZOUT=ROUT || COUT
—
580 || 1,1
—
Ω || pF
Temperature coefficient of frequency
TCf
—
– 70
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com