Electronic Components Datasheet Search
  English  ▼

X  

B3859 Datasheet(PDF) 5 Page - EPCOS

Part # B3859
Description  SAW Components Low-Loss Filter 937,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3859 Datasheet(HTML) 5 Page - EPCOS

  B3859 Datasheet HTML 1Page - EPCOS B3859 Datasheet HTML 2Page - EPCOS B3859 Datasheet HTML 3Page - EPCOS B3859 Datasheet HTML 4Page - EPCOS B3859 Datasheet HTML 5Page - EPCOS B3859 Datasheet HTML 6Page - EPCOS B3859 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Oct 18, 2002
SAW Components
B3859
937,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = +35 ... +70 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
937,0
—
MHz
Maximum insertion attenuation
α
max
932,0 MHz ... 942,0 MHz
—
2,1
3,5
dB
Amplitude ripple (p-p)
∆α
932,0 MHz ... 942,0 MHz
—
0,6
1,2
dB
Return loss (Input and Output)
932,0 MHz ... 942,0 MHz
10,0
12,0
—
dB
Absolute attenuation
α
abs
0,1 MHz
...
750,0 MHz
50
60
—
dB
750,0 MHz
...
800,0 MHz
46
60
—
dB
800,0 MHz
...
880,0 MHz
40
58
—
dB
880,0 MHz
...
905,0 MHz
31
36
—
dB
905,0 MHz
...
915,0 MHz
17
27
—
dB
915,0 MHz
...
922,0 MHz
3
12
—
dB
922,0 MHz
...
927,0 MHz
1,5
4
—
dB
947,0 MHz
...
952,0 MHz
5
10
—
dB
952,0 MHz
...
957,0 MHz
15
20
—
dB
957,0 MHz
...
980,0 MHz
21
23
—
dB
980,0 MHz
...
1025,0 MHz
26
35
—
dB
1025,0 MHz
...
1035,0 MHz
35
55
—
dB
1035,0 MHz
...
1760,0 MHz
40
46
—
dB
1760,0 MHz
...
3120,0 MHz
30
35
—
dB
3120,0 MHz
...
4000,0 MHz
18
30
—
dB
4000,0 MHz
...
6000,0 MHz
—
5
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com