Electronic Components Datasheet Search
  English  ▼

X  

XR17C154 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR17C154
Description  5V PCI BUS QUAD UART
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17C154 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR17C154 Datasheet HTML 17Page - Exar Corporation XR17C154 Datasheet HTML 18Page - Exar Corporation XR17C154 Datasheet HTML 19Page - Exar Corporation XR17C154 Datasheet HTML 20Page - Exar Corporation XR17C154 Datasheet HTML 21Page - Exar Corporation XR17C154 Datasheet HTML 22Page - Exar Corporation XR17C154 Datasheet HTML 23Page - Exar Corporation XR17C154 Datasheet HTML 24Page - Exar Corporation XR17C154 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
xr
XR17C154
REV. 1.3.2
5V PCI BUS QUAD UART
21
2.0 CRYSTAL OSCILLATOR / BUFFER
The 154 includes an on-chip oscillator (XTAL1 and XTAL2). The crystal oscillator provides the system clock to
the Baud Rate Generators (BRG) in each of the 4 UARTs, the 16-bit general purpose timer/counter and inter-
nal logics. XTAL1 is the input to the oscillator or external clock buffer input with XTAL2 pin being the output.
See Programmable Baud Rate Generator in the UART section for programming details.
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant with
10-22 pF capacitance load, 100ppm) connected externally between the XTAL1 and XTAL2 pins (see Figure 7).
Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal 4 baud rate generators
for standard or custom rates. However, for external clock frequencies greater than 24MHz, a 2K pull-up may be
necessary on the XTAL2 output (see Figure 8). Typical oscillator connections are shown in Figure 7. For fur-
ther reading on oscillator circuit please see application note DAN108 on EXAR’s web site.
FIGURE 7. TYPICAL OSCILLATOR CONNECTIONS
FIGURE 8. EXTERNAL CLOCK CONNECTION FOR EXTENDED DATA RATE
C1
22-47pF
C2
22-47pF
14.7456
MHz
XTAL1
XTAL2
R=300K to 400K
2K
XTAL1
XTAL2
R1
VCC
External Clock
vcc
gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com