Electronic Components Datasheet Search
  English  ▼

X  

B3861 Datasheet(PDF) 3 Page - EPCOS

Part # B3861
Description  SAW Components Bandpass Filter 250,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3861 Datasheet(HTML) 3 Page - EPCOS

  B3861 Datasheet HTML 1Page - EPCOS B3861 Datasheet HTML 2Page - EPCOS B3861 Datasheet HTML 3Page - EPCOS B3861 Datasheet HTML 4Page - EPCOS B3861 Datasheet HTML 5Page - EPCOS B3861 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sep 24, 2002
SAW Components
B3861
250,0 MHz
Bandpass Filter
Data Sheet
Characteristics
Operating temperature:
TA = -10 ... +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
Group delay aperture:
125 kHz
min.
typ.
max.
Nominal frequency
fN
—
250,0
—
MHz
Maximum insertion attenuation in passband1)
1) matched with coilcraft CS0805 inductors
α
max
—
16,3
19,0
dB
(including matching network)
Passband width
α
rel ≤ 1 dB
B1dB
4,0
4,2
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 2,0 MHz
—
0,5
1,0
dB
Group delay ripple (p-p)
∆τ
fN ± 2,0 MHz
—
120
150
ns
Relative attenuation (relative to
α
fN)
α
rel
fN ± 3,0 MHz ...
fN ± 3,5 MHz
11
15
—
dB
fN ± 3,5 MHz
...
fN ± 4,0 MHz
21
35
—
dB
fN ± 4,0 MHz ...
fN ± 6,0 MHz
24
35
—
dB
fN + 6,0 MHz ...
fN + 12,5 MHz
40
45
—
dB
fN + 12,5 MHz ...
fN + 14,3 MHz
54
57
—
dB
fN + 13,4 MHz
54
65
—
dB
fN + 14,3 MHz ...
fN + 24,6 MHz
40
47
—
dB
fN + 24,6 MHz ...
fN + 29,0 MHz
54
57
—
dB
0,1 MHz ...
244 MHz
40
50
—
dB
279 MHz
...
2,5 GHz
30
40
VSWR
fN ± 2,0 MHz
—
1,5:1
2:1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com