Electronic Components Datasheet Search
  English  ▼

X  

XR17D158 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR17D158
Description  UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17D158 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR17D158 Datasheet HTML 17Page - Exar Corporation XR17D158 Datasheet HTML 18Page - Exar Corporation XR17D158 Datasheet HTML 19Page - Exar Corporation XR17D158 Datasheet HTML 20Page - Exar Corporation XR17D158 Datasheet HTML 21Page - Exar Corporation XR17D158 Datasheet HTML 22Page - Exar Corporation XR17D158 Datasheet HTML 23Page - Exar Corporation XR17D158 Datasheet HTML 24Page - Exar Corporation XR17D158 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
xr
XR17D158
REV. 1.2.2
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
21
TIMERMSB [31:24] and TIMERLSB [23:16]
TIMERMSB and TIMERLSB form a 16-bit value. The least-significant bit of the timer is being bit [0] of the
TIMERLSB with most-significant-bit being bit [7] in TIMERMSB. Notice that these registers do not hold the
current counter value when read. Reading the TIMERCNTL register will clear its interrupt. Default value is zero
(timer disabled) upon powerup and reset.
2.2.3
8XMODE [7:0] (default 0x00)
Each bit selects 8X or 16X sampling rate for that UART channel, bit-0 is channel 0. Logic 0 (default) selects
normal 16X sampling with logic one selects 8X sampling rate. Transmit and receive data rates will double by
selecting 8X.
2.2.4
REGA [15:8] Reserved
2.2.5
RESET [23:16] (default 0x00)
The 8-bit Reset register [RESET] provides the software with the ability to reset the UART(s) when there is a
need. Each bit is self-resetting after it is written a logic 1 to perform a reset to that channel. All registers in that
channel will be reset to the default condition, see Table 20 for details. Bit-0 =1 resets UART channel 0 with bit-
7=1 resets channel 7.
TIMERMSB Register
Bit-15 Bit-14 Bit-13 Bit-12 Bit-11 Bit-10
Bit-9 Bit-8
TIMERLSB Register
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1 Bit-0
16-Bit Timer/Counter Programmable Registers
Ch-6
Ch-7
Ch-5 Ch-4 Ch-3 Ch-2 Ch-1 Ch-0
8XMODE Register
Individual UART Channel 8X Clock Mode Enable
Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0
Ch-6
Ch-7
Ch-5 Ch-4 Ch-3 Ch-2 Ch-1 Ch-0
RESET Register
Individual UART Channel Reset Enable
Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com