Electronic Components Datasheet Search
  English  ▼

X  

B3866 Datasheet(PDF) 4 Page - EPCOS

Part # B3866
Description  SAW Components Low-Loss Filter 201,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3866 Datasheet(HTML) 4 Page - EPCOS

  B3866 Datasheet HTML 1Page - EPCOS B3866 Datasheet HTML 2Page - EPCOS B3866 Datasheet HTML 3Page - EPCOS B3866 Datasheet HTML 4Page - EPCOS B3866 Datasheet HTML 5Page - EPCOS B3866 Datasheet HTML 6Page - EPCOS B3866 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
Aug 23, 2002
SAW Components
B3866
201,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = 0 - 70 ˚C
Terminating source impedance:
ZS = 80 Ω || 30 nH
Terminating load impedance:
ZL = 90 Ω || 35 nH
min.
typ.
max.
Nominal frequency
fN
—
201,0
—
MHz
Minimum insertion attenuation
α
min
—
4,0
6,0
dB
(including matching network)
Passband width
B3,0dB
—
300
—
kHz
α
rel ≤ 3 dB
Amplitude ripple in passband
∆α
rel
fN ± 80 kHz
—
±0,2
±1,0
dB
Absolute group delay (at fN)
τ
—
2,2
—
µs
Group delay ripple (p-p)
∆τ
fN ± 80 kHz
—
0,7
1,5
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 200
kHz ... fN ± 300
kHz
3
8
—
dB
fN ± 300
kHz ... fN ± 400
kHz
13
20
—
dB
fN ± 400
kHz ... fN ± 700
kHz
20
30
—
dB
fN ± 700
kHz ... fN ± 1600
kHz
27
40
—
dB
fN ± 1600
kHz ... fN ± 3000
kHz
30
45
—
dB
fN ± 3000
kHz ... fN ± 6000
kHz
33
55
—
dB
fN ± 6000
kHz ... fN ± 35000
kHz
40
55
—
dB
IM3 level (Input level -17 dBm)
fN ± 800
kHz
—
—
-110
dBm
fN ±1600
kHz
—
—
-110
dBm
Temperature coefficient of frequency1)
1) Temperature dependance of fc:fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—35
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com