Electronic Components Datasheet Search
  English  ▼

X  

B3868 Datasheet(PDF) 4 Page - EPCOS

Part # B3868
Description  SAW Components Low-Loss Filter 929,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3868 Datasheet(HTML) 4 Page - EPCOS

  B3868 Datasheet HTML 1Page - EPCOS B3868 Datasheet HTML 2Page - EPCOS B3868 Datasheet HTML 3Page - EPCOS B3868 Datasheet HTML 4Page - EPCOS B3868 Datasheet HTML 5Page - EPCOS B3868 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Oct 07, 2005
SAW Components
B3868
929,5 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -30 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
929,5
—
MHz
Maximum insertion attenuation
α
max
917,0 MHz ... 942,0 MHz
—
2,2
3,3
dB
Amplitude ripple (p-p)
∆α
917,0 MHz ... 942,0 MHz
—
0,7
1,2
dB
Group delay ripple (p-p)
∆τ
917,0 MHz ... 942,0 MHz
—
24
40
ns
Return loss (Input and Output)
917,0 MHz ... 942,0 MHz
9,0
11,0
—
dB
Absolute attenuation
α
abs
0,1 MHz
...
800,0 MHz
46
60
—
dB
800,0 MHz
...
870,0 MHz
40
60
—
dB
870,0 MHz
...
890,0 MHz
31
60
—
dB
890,0 MHz
...
900,0 MHz
15
22
—
dB
961,0 MHz
...
1005,0 MHz
19
23
—
dB
1005,0 MHz ...
1035,0 MHz
30
56
—
dB
1035,0 MHz ...
1070,0 MHz
45
50
—
dB
1070,0 MHz ...
1760,0 MHz
40
46
—
dB
1760,0 MHz ...
3120,0 MHz
30
39
—
dB
3120,0 MHz ...
4000,0 MHz
18
30
—
dB
4000,0 MHz ...
6000,0 MHz
—
5
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com