Electronic Components Datasheet Search
  English  ▼

X  

B3891 Datasheet(PDF) 3 Page - EPCOS

Part # B3891
Description  SAW Components Low-Loss Filter 71,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3891 Datasheet(HTML) 3 Page - EPCOS

  B3891 Datasheet HTML 1Page - EPCOS B3891 Datasheet HTML 2Page - EPCOS B3891 Datasheet HTML 3Page - EPCOS B3891 Datasheet HTML 4Page - EPCOS B3891 Datasheet HTML 5Page - EPCOS B3891 Datasheet HTML 6Page - EPCOS B3891 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Feb 24, 2005
SAW Components
B3891
71,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= 0 .. 70 ˚C
Terminating source impedance:
ZS = 200 Ω balanced and matching network
Terminating load impedance:
ZL = 200 Ω balanced and matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
71,0
—
MHz
Minimum insertion attenuation
α
min
—
6,5
8,0
dB
(including matching network)
Passband width
B1,0dB
250
290
—
kHz
α
rel ≤ 1 dB
Amplitude ripple
∆α
fN ± 125 kHz
—
0,6
± 1,0
dB
Absolute group delay (at
fN)
τ
N
1,9
2,1
2,3
µs
Group delay ripple (p-p)
∆τ
fN ± 125 kHz
—
0,5
1,5
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 300
kHz ... fN ± 500
kHz
14
18
—
dB
fN ± 500
kHz ... fN ± 700
kHz
30
35
—
dB
fN ± 700
kHz ... fN ±
3
MHz
39
45
—
dB
@ fN ± 800
kHz
41
45
—
dB
fN ± 3
MHz ... fN ± 35
MHz
43
60
—
dB
IM3 level
IM3
f1 = fN- 0,8 MHz, input power -14 dBm
f2 = fN- 1,6 MHz, input power -14 dBm
@
fN
—
—
-95
dBm
f1 = fN+ 0,8 MHz, input power -14 dBm
f2 = fN+1,6 MHz, input power -14 dBm
@
fN
—
—
-95
dBm
Temperature coefficient of frequency 1)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—25
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com