Electronic Components Datasheet Search
  English  ▼

X  

B3892 Datasheet(PDF) 3 Page - EPCOS

Part # B3892
Description  SAW Components Low-Loss Filter 248,6 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3892 Datasheet(HTML) 3 Page - EPCOS

  B3892 Datasheet HTML 1Page - EPCOS B3892 Datasheet HTML 2Page - EPCOS B3892 Datasheet HTML 3Page - EPCOS B3892 Datasheet HTML 4Page - EPCOS B3892 Datasheet HTML 5Page - EPCOS B3892 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jul 16, 2004
SAW Components
B3892
248,6 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= -5 ˚C to 75 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
1) Temperature dependence of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
248,6
—
MHz
Minimum insertion attenuation
α
min
(including losses in matching network)
—
4,7
6,0
dB
Passband width
α
rel ≤ 3,0 dB
B3,0dB
—
430
—
kHz
Amplitude ripple (p-p)
∆α
fN ± 100,0 kHz
—
0,5
1,0
dB
Group delay ripple (p-p)
∆τ
fN ± 100,0 kHz
—
0,6
0,7
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 0,33 MHz
...
fN ± 0,60 MHz
12
15
—
dB
fN ± 0,60 MHz
...
fN ± 0,80 MHz
25
37
—
dB
fN ± 0,80 MHz
...
fN ± 1,60 MHz
45
50
—
dB
10,0 MHz
...
fN - 29,20 MHz
55
70
—
dB
fN - 29,20 MHz
...
fN - 1,60 MHz
48
55
—
dB
fN + 1,60 MHz
...
fN + 100,0 MHz
48
60
—
dB
@ fN + 22,80 MHz
55
60
—
dB
@ fN + 52,00 MHz
55
65
—
dB
@ fN + 74,80 MHz
55
65
—
dB
@ fN + 104,0 MHz
55
65
—
dB
@ fN + 126,8 MHz
55
65
—
dB
Temperature coefficient of frequency 1)
TCf
—
–0,036
—
ppm/K2
Frequency inversion point
T0
—35—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com