Electronic Components Datasheet Search
  English  ▼

X  

B3894 Datasheet(PDF) 2 Page - EPCOS

Part # B3894
Description  SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3894 Datasheet(HTML) 2 Page - EPCOS

  B3894 Datasheet HTML 1Page - EPCOS B3894 Datasheet HTML 2Page - EPCOS B3894 Datasheet HTML 3Page - EPCOS B3894 Datasheet HTML 4Page - EPCOS B3894 Datasheet HTML 5Page - EPCOS B3894 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Apr 05, 2004
SAW Components
B3894
210,00 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Ceramic package QCC8C
Dimensions in mm,approx. weight 0,07 g
Features
s
IF filter for mobile telephone
s
Channel selection in CDMA systems
s
Low insertion attenuation
s
Extremely high rejection
s
Single-ended/single-ended,
balanced/single-ended
and balanced/balanced operation possible
s
Optimized for single-ended/balanced operation
s
Very small size
s
Package for Surface Mounted Technology (SMT)
Terminals
s
Ni, gold plated
Pin configuration
2
Input
1+3
Input ground or balanced input
6
Output
5
Output ground or balanced output
7
to be grounded
4, 8
Case ground
Device is reciprocal, i.e. inputs can be used as outputs and vice versa
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3894
B39211-B3894-U310
C61157-A7-A56
F61074-V8169-Z000
Maximum ratings
Operable temperature range
T
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com