Electronic Components Datasheet Search
  English  ▼

X  

B4039 Datasheet(PDF) 3 Page - EPCOS

Part # B4039
Description  SAW Components Low Loss Filter for Mobile Communication 433,91 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4039 Datasheet(HTML) 3 Page - EPCOS

  B4039 Datasheet HTML 1Page - EPCOS B4039 Datasheet HTML 2Page - EPCOS B4039 Datasheet HTML 3Page - EPCOS B4039 Datasheet HTML 4Page - EPCOS B4039 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary format of data sheet
Terms of delivery and rights to change design reserved.
SMAP PR SAW DC
Page 1 of 3
Feb 8, 1999
SAW Components
Data Sheet
B4039
433,91 MHz
Low Loss Filter for Mobile Communication
Ceramic package DCC6
Features
q
Low loss RF filter for Europe family radio system
q
Low amplitude ripple
q
High image frequency suppression
q
Package for Surface Mounted Technology
(SMT)
q
No matching network required for operation
at 50
Ω
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,13 g
Pin configuration
2
Input
5
Output
1, 3, 4, 6
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4039
B39431-B4039-Z610
C61157-A7-A41
F61074-V8030-Z000
Maximum ratings
Operable temperature range
T
–20 / +60
˚C
Storage temperature range
Tstg
–40 / +85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com