Electronic Components Datasheet Search
  English  ▼

X  

SA9502DH Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SA9502DH
Description  Dual-band, CDMA/AMPS downconverter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9502DH Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SA9502DH Datasheet HTML 16Page - NXP Semiconductors SA9502DH Datasheet HTML 17Page - NXP Semiconductors SA9502DH Datasheet HTML 18Page - NXP Semiconductors SA9502DH Datasheet HTML 19Page - NXP Semiconductors SA9502DH Datasheet HTML 20Page - NXP Semiconductors SA9502DH Datasheet HTML 21Page - NXP Semiconductors SA9502DH Datasheet HTML 22Page - NXP Semiconductors SA9502DH Datasheet HTML 23Page - NXP Semiconductors SA9502DH Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Philips Semiconductors
Product specification
SA9502
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
20
1: 111.86
Ω
–195.73
Ω
1.5GHz
2: 81.961
Ω
–152.6
Ω
1.8GHz
3: 71.508
Ω
–126.55
Ω
0.629pF
2.0GHz
4: 49.402
Ω
–101.55
Ω
2.2GHz
START:
1.40GHz
STOP:
2.65GHz
SR01784
1
2
3
4
Figure 50.
Typical S11 of PCS LO Input @ VCC = 3.6V
Table 8.
Typical S-Parameter of PCS LO Input @ VCC = 3.6V
FREQUENCY (MHz)
S11
<S11 (DEG)
1400
0.82
–20.14
1450
0.81
–21.11
1500
0.81
–21.93
1550
0.80
–23.12
1600
0.79
–24.11
1650
0.79
–24.83
1700
0.78
–26.31
1750
0.78
–27.29
1800
0.77
–28.94
1850
0.76
–30.10
1900
0.75
–31.60
1950
0.74
–33.13
2000
0.73
–34.39
2050
0.74
–36.43
2100
0.73
–39.44
2150
0.72
–41.87
2200
0.71
–44.83
2250
0.71
–47.44
2300
0.70
–50.37
2350
0.69
–53.39
2400
0.67
–56.89
2450
0.66
–60.64
2500
0.65
–64.62
2550
0.63
–68.76
2600
0.62
–72.84
2650
0.62
–76.87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com