Electronic Components Datasheet Search
  English  ▼

X  

B4053 Datasheet(PDF) 4 Page - EPCOS

Part # B4053
Description  SAW Components Low-Loss Filter for Mobile Communication 465,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4053 Datasheet(HTML) 4 Page - EPCOS

  B4053 Datasheet HTML 1Page - EPCOS B4053 Datasheet HTML 2Page - EPCOS B4053 Datasheet HTML 3Page - EPCOS B4053 Datasheet HTML 4Page - EPCOS B4053 Datasheet HTML 5Page - EPCOS B4053 Datasheet HTML 6Page - EPCOS B4053 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2
Jul 24, 2000
SAW Components
B4053
465,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package DCC6C
Features
s
Low loss RF filter for family radio system
s
Low amplitude ripple
s
High image frequency suppression
s
No matching network required for operation at
50
Ω
s
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
s
Ni , gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input
3
Input - ground
5
Output
4
Output - ground
1,6
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4053
B39471-B4053-U410
C61157-A7-A67
F61074-V8088-Z000
Maximum ratings
Operable temperature range
T
– 30/+ 70
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Input power
PIN
10
dBm
Source impedance 50
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com