Electronic Components Datasheet Search
  English  ▼

X  

B4057 Datasheet(PDF) 3 Page - EPCOS

Part # B4057
Description  SAW Components Low Loss Filter 1228.0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4057 Datasheet(HTML) 3 Page - EPCOS

  B4057 Datasheet HTML 1Page - EPCOS B4057 Datasheet HTML 2Page - EPCOS B4057 Datasheet HTML 3Page - EPCOS B4057 Datasheet HTML 4Page - EPCOS B4057 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Feb 6, 2001
SAW Components
B4057
1228.0 MHz
Low Loss Filter
PreliminaryData Sheet
Characteristics
Operating temperature range:
T
= -40 ˚C to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω (balanced)
min.
typ.
max.
Center frequency
fc
—
1228,0
—
MHz
Maximum insertion attenuation
α
max
1218,0
...1238,0
MHz
—
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
1218,0
...1238,0
MHz
—
1,0
1,5
dB
Absolute attenuation
α
0,0
... 1088,0
MHz
35,0
53,0
—
dB
1088,0
... 1178,0
MHz
30,0
48,0
—
dB
1178,0
... 1193,0
MHz
11,0
30,0
—
dB
1263,0
... 1278,0
MHz
10,0
23,0
—
dB
1278,0
... 1368,0
MHz
28,0
31,0
—
dB
1368,0
... 1785,0
MHz
33,0
48,0
—
dB
1785,0
... 2500,0
MHz
27,0
48,0
—
dB
2500,0
... 4000,0
MHz
18,0
28,0
—
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com