Electronic Components Datasheet Search
  English  ▼

X  

B4060 Datasheet(PDF) 2 Page - EPCOS

Part # B4060
Description  SAW Components Low-Loss Filter for Automotive Telematics 1575,42 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4060 Datasheet(HTML) 2 Page - EPCOS

  B4060 Datasheet HTML 1Page - EPCOS B4060 Datasheet HTML 2Page - EPCOS B4060 Datasheet HTML 3Page - EPCOS B4060 Datasheet HTML 4Page - EPCOS B4060 Datasheet HTML 5Page - EPCOS B4060 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Oct 21, 2005
SAW Components
B4060
1575,42 MHz
Low-Loss Filter for Automotive Telematics
Data Sheet
SMD ceramic package QCC8D
Features
s
RF low-loss filter for GPS application
s
Unbalanced to unbalanced or unbalanced
to balanced operation
s
Package for Surface Mounted Technology
(SMT)
s
Hermetically sealed ceramic package
s
No matching network required for
operation at 50
Ω
s
Extended temperature range for
automotive application
s
Compliant to EU RoHs Directive (2002/95/EC)
s
Lead free soldering compatible with J - STD20C
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
6
Input
5
Input ground
2
Output
1
Output (bal) or output ground (unbal.)
3, 7
To be grounded
4, 8
Case - ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4060
B39162-B4060-U810
C61157-A7-A72
F61074-V8168-Z000
Maximum ratings
Operable temperature range
T
– 40/ +105
˚C
Storage temperature range
Tstg
– 40/ +105
˚C
DC voltage
VDC
0V
Source power
Ps
0
dBm
source impedance 50
Ω, c.w.
10
dBm
824...849 MHz, 890...915 MHz,
1710...1785 MHz
6
5
2
1
4,8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com