Electronic Components Datasheet Search
  English  ▼

X  

B4121 Datasheet(PDF) 2 Page - EPCOS

Part # B4121
Description  SAW Components Low-Loss Filter for Mobile Communication 942,50 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4121 Datasheet(HTML) 2 Page - EPCOS

  B4121 Datasheet HTML 1Page - EPCOS B4121 Datasheet HTML 2Page - EPCOS B4121 Datasheet HTML 3Page - EPCOS B4121 Datasheet HTML 4Page - EPCOS B4121 Datasheet HTML 5Page - EPCOS B4121 Datasheet HTML 6Page - EPCOS B4121 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Feb 27, 2003
SAW Components
B4121
942,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package DCC6D
Features
s
Low-loss RF filter for mobile telephone
EGSM systems, receive path
s
Low amplitude ripple
s
Usable passband 35 MHz
s
Unbalanced to balanced operation
s
Impedance transformation from 50
Ω
to 150
Ω
s
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input, unbalanced
1, 3
Input ground
4, 6
Output, balanced
5
To be grounded
1, 3, 5
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4121
B39941-B4121-U510
C61157-A7-A68
F61074-V8089-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3V
Input power max.
880 ... 915 MHz
1705 ...1785 MHz
PIN
18
18
dBm
dBm
source impedance 50
Ω,
load impedance 150
Ω,
CW input for min. 2000 h



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com