Electronic Components Datasheet Search
  English  ▼

X  

SPX2091 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPX2091
Description  1 AMP 9,300 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPX2091 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPX2091 Datasheet HTML 1Page - Solid States Devices, Inc SPX2091 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
1/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(IF = 1.0 A, 300 – 500
µsec Pulse)
B1
B2-B6
VF1
VF2
––
––
––
––
7.5
2.5
Volts
Instantaneous Forward Voltage Drop
(IF = 0.35 A, TA = 100ºC, 300 – 500
µsec
Pulse)
B2-B6
VF3
––
––
1.3
Volts
Reverse Leakage Current
(TA = 25ºC, 300 – 500
µsec Pulse)
B1: VR = 2500V
B2-B6: VR = 1000V
IR1
IR2
––
––
1.0
µA
Reverse Leakage Current
(TA = 100ºC, 300 – 500
µsec Pulse)
B1: VR = 2500V
B2-B6: VR = 1000V
IR3
IR4
––
––
50
µA
Breakdown Voltage
(IR = 100
µA)
B1
B2-B6
BVR1
BVR2
3,300
1,200
––
––
––
––
Volts
Insulation Resistance
(All Terminals to Base @ 15,000 Volts)
RINSUL1
10
––
––
G
Reverse Recovery Time
(IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A)
tRR
––
––
60
nsec
Capacitance (Per Diode)
B1: VR = 100 V
B2-B6: VR = 10 V
CT1
CT2
––
––
––
––
13
25
pF
NOTE:
1/
All Electrical Characteristics Are for Bridge Leg @ TA = 25ºC (Unless Otherwise Specified)
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPX2091
PACKAGE OUTLINE: ASPM
.185
E21
E20
E19
E18
E17
E16
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
#4-40 UNC-2B
.170 MIN LNG
4 Places
(Back Side)
.840
.900
2.130
10x .18 (=1.800)
.165
.150
2.200
.160
MAX
.625
2.500
1.200
Tolerances (Unless Specified)
.XX + .03
.XXX + .010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com