Electronic Components Datasheet Search
  English  ▼

X  

B4122 Datasheet(PDF) 2 Page - EPCOS

Part # B4122
Description  SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4122 Datasheet(HTML) 2 Page - EPCOS

  B4122 Datasheet HTML 1Page - EPCOS B4122 Datasheet HTML 2Page - EPCOS B4122 Datasheet HTML 3Page - EPCOS B4122 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary format of data sheet.
Terms of delivery and rights to change design reserved.
OFW E MF
Page 2 of 4
Oct 7, 1999
SAW Components
Data Sheet
B4122
836,5 MHz
Low Loss Filter for Mobile Communication
Characteristics
Operating temperature range:
T
= -30 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
836,5
—
MHz
Maximum insertion attenuation
α
max
824,0
... 849,0
MHz
—
2,6
3,0
dB
Amplitude ripple (p-p)
∆α
824,0
... 849,0
MHz
—
1,1
1,5
dB
VSWR
824,0
... 849,0
MHz
—
1,92
2,0
Attenuation
α
0,0
... 800,0
MHz
30,0
50,0
—
dB
869,0
... 894,0
MHz
32,0
34,0
—
dB
894,0
... 920,0
MHz
34,0
40,0
—
dB
920,0
...1210,0
MHz
40,0
55,0
—
dB
1210,0
...1500,0
MHz
30,0
50,0
—
dB
1500,0
...2000,0
MHz
25,0
50,0
—
dB
2000,0
...2600,0
MHz
20,0
32,0
—
dB
2600,0
...3000,0
MHz
15,0
28,0
—
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com