Electronic Components Datasheet Search
  English  ▼

X  

B4131 Datasheet(PDF) 5 Page - EPCOS

Part # B4131
Description  SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4131 Datasheet(HTML) 5 Page - EPCOS

  B4131 Datasheet HTML 1Page - EPCOS B4131 Datasheet HTML 2Page - EPCOS B4131 Datasheet HTML 3Page - EPCOS B4131 Datasheet HTML 4Page - EPCOS B4131 Datasheet HTML 5Page - EPCOS B4131 Datasheet HTML 6Page - EPCOS B4131 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
May 31, 2006
SAW Components
B4131
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -30 to + 80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
1) specification valid for T < 25˚C
2) specification valid for T>= 25˚C
min.
typ.
max.
Center frequency
fC
—
942,5
—
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
—
3,8
4,5
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
—
2,1
2,8
dB
Attenuation
α
0,0
... 800,0
MHz
50
60
—
dB
800,0
... 880,0
MHz
40
52
—
dB
880,0
... 905,0
MHz
35
40
—
dB
905,0
... 915,0
MHz
15
28
—
dB
980,0
...1005,0
MHz
20
23
—
dB 1)
980,0
...1005,0
MHz
23
25
—
dB 2)
980,0
... 982,0
MHz
20
23
—
dB
982,0
...1005,0
MHz
23
27
—
dB
1005,0
...1025,0
MHz
30
42
—
dB
1025,0
...1760,0
MHz
40
50
—
dB
1760,0
... 2500,0
MHz
30
40
—
dB
2500,0
... 3120,0
MHz
20
27
—
dB
3120,0
... 4000,0
MHz
18
25
—
dB
4000,0
... 6000,0
MHz
—
10
—
dB
Input reflection coefficient @1842,5 MHz
Phase
-150
-140
-130
˚



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com