Electronic Components Datasheet Search
  English  ▼

X  

SPD5614 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5614
Description  1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5614 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5614 Datasheet HTML 1Page - Solid States Devices, Inc SPD5614 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Value
Unit
Instantaneous Forward Voltage Drop
(IF = 1 Amp, TA = 25
oC, 300 µs Pulse)
VF
1.0
Volts
Instantaneous Forward Voltage Drop
(IF = 1 Amp, TA = -55
oC, 300 µs Pulse)
VF
1.2
Volts
Reverse Leakage Current
(Rated VR, TA = 25
oC, 300 µs Pulse minimum)
IR
2
µA
Max Reverse Leakage Current
(Rated VR, TA = 100
oC, 300 µs Pulse minimum)
IR
200
µA
Max Junction Capacitance
(VR =10 VDC, TA = 25
oC, f= 1 MHz)
CJ
20
pf
Reverse Recovery Time
(IF =500 mA, IR =1 A, IRR =250 mA, TA = 25
oC)
trr
5
µsec
CASE OUTLINE: AXIAL
KEY TO DIMENSIONS
Section
MIN
MAX
Ø
A
---
0.150"
B
---
0.180"
Ø
C
0.027"
0.033"
D
1.00"
---
TYPICAL OPERATING CURVES
TA = 25
oC Unless otherwise specified
0
20
40
60
80
100
0
25
50
75
100
125
150
175
0.01
0.1
1
0.6
0.8
1
1.2
1.4
1.6
1.8
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5614
thru
SPD5622
FORWARD VOLTAGE vs. FORWARD CURRENT
FORWARD VOLTAGE (Volts)
LEAD TEMPERATURE (oC) – L = ⅜″



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com