Electronic Components Datasheet Search
  English  ▼

X  

B4147 Datasheet(PDF) 3 Page - EPCOS

Part # B4147
Description  SAW Components Low-Loss Filter for Mobile Communication 836,50 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4147 Datasheet(HTML) 3 Page - EPCOS

  B4147 Datasheet HTML 1Page - EPCOS B4147 Datasheet HTML 2Page - EPCOS B4147 Datasheet HTML 3Page - EPCOS B4147 Datasheet HTML 4Page - EPCOS B4147 Datasheet HTML 5Page - EPCOS B4147 Datasheet HTML 6Page - EPCOS B4147 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Sep 26, 2001
SAW Components
B4147
836,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= +25˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
836,5
—
MHz
Maximum insertion attenuation
α
max
824,0
... 849,0
MHz
—
2,7
3,0
dB
Amplitude ripple (p-p)
∆α
824,0
... 849,0
MHz
—
1,7
2,0
dB
VSWR
824,0
... 849,0
MHz
—
1,78
1,92
Attenuation
α
0,0
... 779,0
MHz
31,0
34,0
—
dB
779,0
... 805,0
MHz
25,0
31,0
—
dB
869,0
... 894,0
MHz
40,0
44,0
—
dB
894,0
... 979,0
MHz
36,0
40,0
—
dB
979,0
...1030,0
MHz
38,0
40,0
—
dB
1030,0
...1300,0
MHz
36,0
39,0
—
dB
1300,0
...1580,0
MHz
28,0
32,0
—
dB
1580,0
...1698,0
MHz
24,0
30,0
—
dB
1698,0
...2547,0
MHz
14,0
22,0
—
dB
Rx band suppression
α
869,0
... 894,0
MHz
40,0
44,0
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com