Electronic Components Datasheet Search
  English  ▼

X  

B4154 Datasheet(PDF) 3 Page - EPCOS

Part # B4154
Description  SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4154 Datasheet(HTML) 3 Page - EPCOS

  B4154 Datasheet HTML 1Page - EPCOS B4154 Datasheet HTML 2Page - EPCOS B4154 Datasheet HTML 3Page - EPCOS B4154 Datasheet HTML 4Page - EPCOS B4154 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jul 11, 2000
SAW Components
B4154
1960,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -30 to +85˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 50 Ω (balanced)
min.
typ.
max.
Center frequency
fC
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0
... 1990,0
MHz
—
3,6
4,5
dB
Amplitude ripple (p-p)
∆α
1930,0
... 1990,0
MHz
—
0,9
1,8
dB
Attenuation
α
0,0
... 1000,0
MHz
50
56
—
dB
1000,0
... 1830,0
MHz
40
50
—
dB
1830,0
... 1850,0
MHz
30
50
—
dB
1850,0
... 1900,0
MHz
10
19
—
dB
1900,0
... 1910,0
MHz
8
16
—
dB
2020,0
... 2060,0
MHz
10
17
—
dB
2060,0
... 2200,0
MHz
25
32
—
dB
2200,0
... 2260,0
MHz
40
47
—
dB
2260,0
... 4000,0
MHz
25
42
—
dB
4000,0
... 4500,0
MHz
20
33
—
dB
4500,0
... 6000,0
MHz
15
30
—
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com