Electronic Components Datasheet Search
  English  ▼

X  

B4167 Datasheet(PDF) 4 Page - EPCOS

Part # B4167
Description  SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4167 Datasheet(HTML) 4 Page - EPCOS

  B4167 Datasheet HTML 1Page - EPCOS B4167 Datasheet HTML 2Page - EPCOS B4167 Datasheet HTML 3Page - EPCOS B4167 Datasheet HTML 4Page - EPCOS B4167 Datasheet HTML 5Page - EPCOS B4167 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Dec 06, 2000
SAW Components
B4167
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -10 to +80˚C
Terminating source impedance:
ZS = 50Ω (unbalanced)
Terminating load impedance:
ZL = 200Ω (balanced) || 22 nH
min.
typ.
max.
Center frequency
fC
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
2,5
4,0
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
1,4
2,5
dB
Input VSWR
1805,0
...1880,0
MHz
1,8
2,4
Output VSWR
1805,0
...1880,0
MHz
1,8
2,4
Output amplitude balance
(|S31/S21|)
1805,0
...1880,0
MHz
-1,5
-1,1 / +0,6
1,5
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
...1880,0
MHz
-15
+/- 6
15
˚
Attenuation
α
0,0
... 1000,0
MHz
40
50
dB
1000,0
... 1550,0
MHz
30
40
dB
1550,0
... 1705,0
MHz
25
28
dB
1705,0
... 1785,0
MHz
10
15
dB
1920,0
... 1980,0
MHz
10
17
dB
1980,0
... 2010,0
MHz
18
22
dB
2010,0
... 2500,0
MHz
20
26
dB
2500,0
... 3840,0
MHz
25
35
dB
3840,0
... 6000,0
MHz
20
32
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com