Electronic Components Datasheet Search
  English  ▼

X  

B4170 Datasheet(PDF) 3 Page - EPCOS

Part # B4170
Description  SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4170 Datasheet(HTML) 3 Page - EPCOS

  B4170 Datasheet HTML 1Page - EPCOS B4170 Datasheet HTML 2Page - EPCOS B4170 Datasheet HTML 3Page - EPCOS B4170 Datasheet HTML 4Page - EPCOS B4170 Datasheet HTML 5Page - EPCOS B4170 Datasheet HTML 6Page - EPCOS B4170 Datasheet HTML 7Page - EPCOS B4170 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
May 07, 2001
SAW Components
B4170
1960,0 MHz
Low-Loss Filter for Mobile Communication
Preliminary Data
Characteristics
Operating temperature range:
T
= +25 +-2 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 200 Ω (balanced) || 15 nH
min.
typ.
max.
Center frequency
fC
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0
... 1990,0
MHz
—
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
1930,0
... 1990,0
MHz
—
1,0
1,6
dB
Input VSWR
1930,0
... 1990,0
MHz
—
1,9
2,1
Output VSWR
1930,0
... 1990,0
MHz
—
1,7
2,1
Attenuation
α
0,0
... 1000,0
MHz
45
72
—
dB
1000,0
... 1830,0
MHz
40
60
—
dB
1830,0
... 1900,0
MHz
15
19
—
dB
1900,0
... 1910,0
MHz
12
17
—
dB
2010,0
... 2020,0
MHz
8
12
—
dB
2020,0
... 2070,0
MHz
12
18
—
dB
2070,0
... 2200,0
MHz
25
40
—
dB
2200,0
... 2380,0
MHz
45
55
—
dB
2380,0
... 4600,0
MHz
30
40
—
dB
4600,0
... 6000,0
MHz
23
30
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com