Electronic Components Datasheet Search
  English  ▼

X  

B4181 Datasheet(PDF) 4 Page - EPCOS

Part # B4181
Description  SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4181 Datasheet(HTML) 4 Page - EPCOS

  B4181 Datasheet HTML 1Page - EPCOS B4181 Datasheet HTML 2Page - EPCOS B4181 Datasheet HTML 3Page - EPCOS B4181 Datasheet HTML 4Page - EPCOS B4181 Datasheet HTML 5Page - EPCOS B4181 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Sep 17, 2003
SAW Components
B4181
897,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to 80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
897,50
—
MHz
Maximum insertion attenuation
α
max
880,0
... 915,0
MHz
—
2,1
2,4
dB
Amplitude ripple (p-p)
∆α
880,0
... 915,0
MHz
—
1,4
1,7
dB
Input VSWR
880,0
... 915,0
MHz
—
2,0
2,2
Output VSWR
880,0
... 915,0
MHz
—
2,0
2,2
Attenuation
α
0,0
... 840,0
MHz
17
20
dB
840,0
... 860,0
MHz
17
29
dB
860,0
... 870,0
MHz
10
18
dB
925,0
... 935,0
MHz
4,5
12
dB
935,0
...1850,0
MHz
20
22
dB
1850,0
...3660,0
MHz
7
12
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com