Electronic Components Datasheet Search
  English  ▼

X  

SDA165C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA165C
Description  10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA165C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA165C Datasheet HTML 1Page - Solid States Devices, Inc SDA165C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
SDA165
10 AMPS
50 - 1000 VOLTS
STANDARD RECOVERY
SINGLE PHASE BRIDGE
SDA165A
thru
SDA165G
• PIV 50 to 1000 Volts
• Average Output 10A.
• Reverse Recovery 5 :sec Max
• Small Size
• Hermetically Sealed Rectifier Cells
• Easy PC Mounting
• Maximum Thermal Resistance 5.0oC/W
• -55 to +150oC Operating and Storage Temperature
• TX and TXV Level Screening Available
1.30
ELECTRICAL CHARACHTERISTICS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0009A
Part
Number
Symbol
Units
Conditions
SDA165A
SDA165B
SDA165C
SDA165D
SDA165E
Peak
Inverse Voltage
(per Leg)
Average
Rectified
Current
Maximum
Surge Current
(1 Cycle)
Maximum
Forward Voltage
(per Leg)
PIV
IO
IFSM
VF
Volts
Amps
Amps
Volts
55oC25oCIF= 3A, TA= 25oC
10
75
50
10
75
100
10
75
1.10
200
10
75
1.10
400
10
75
1.10
600
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300:sec minimum.
2. Unless otherwise specified: TA = 25oC.
Maximum
Reverse Current
(@ PIV)
IR
:A
25oC
100oC
5.0
100
5.0
100
5.0
100
5.0
100
5.0
100
1.10
1.10
25oC
SDA165F
10
75
1.10
800
5.0
100
SDA165G
10
75
1.10
1000
5.0
100


Similar Part No. - SDA165C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA165CHF SSDI-SDA165CHF Datasheet
25Kb / 2P
6 - 10 AMPS 50 - 800 VOLTS HYPER FAST SINGLE PHASE BRIDGE
More results

Similar Description - SDA165C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC1000S MCC-KBPC1000S Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005 Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Solid States Devices, I...
SDA295A SSDI-SDA295A Datasheet
53Kb / 2P
5 AMPS 50 - 1000 VOLTS STANDARD RECOVERY THREE PHASE BRIDGE
SDA262EF-3 SSDI-SDA262EF-3 Datasheet
57Kb / 2P
50 AMPS 600 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE
SDA263AF-3 SSDI-SDA263AF-3 Datasheet
23Kb / 1P
75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA165DUF SSDI-SDA165DUF Datasheet
26Kb / 2P
10 AMPS 400 - 1000 VOLTS ULTRAFAST RECOVERY SINGLE PHASE BRIDGE
SDA267AUF SSDI-SDA267AUF Datasheet
155Kb / 2P
10 AMPS 50 ??1000 VOLTS ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB1005 MCC-MB1005_08 Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
BR1005 MCC-BR1005 Datasheet
252Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP1005 MCC-MP1005 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com