Electronic Components Datasheet Search
  English  ▼

X  

SDA295B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA295B
Description  5 AMPS 50 - 1000 VOLTS STANDARD RECOVERY THREE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA295B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA295B Datasheet HTML 1Page - Solid States Devices, Inc SDA295B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
SDA295
5 AMPS
50 - 1000 VOLTS
STANDARD RECOVERY
THREE PHASE BRIDGE
SDA295A
thru
SDA295G
• PIV 50 to 1000 Volts
• Average Output 5A.
• Reverse Recovery 5 :sec Max
• Subminiature Design for Mounting Versatility
• Hermetically Sealed Rectifier Cells
• Maximum Thermal Resistance 5.0oC/W
• -55 to +150oC Operating and Storage Temperature
• Fast and Ultra Fast Assemblies Available
• TX and TXV Level Screening Available
1.30
ELECTRICAL CHARACHTERISTICS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0010A
Part
Number
Symbol
Units
Conditions
SDA295A
SDA295B
SDA295C
SDA295D
SDA295E
Peak
Inverse Voltage
(per Leg)
Average
Rectified
Current
Maximum
Surge Current
(1 Cycle)
Maximum
Forward Voltage
(per Leg)
PIV
IO
IFSM
VF
Volts
Amps
Amps
Volts
55oC25oCIF= 5A, TA= 25oC
570
50
570
100
5
70
1.20
200
5
70
1.20
400
5
70
1.20
600
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300:sec minimum.
2. Unless otherwise specified: TA = 25oC.
Maximum
Reverse Current
(@ PIV)
IR
:A
25oC
100oC
2.0
150
2.0
150
2.0
150
2.0
150
2.0
150
1.20
1.20
25oC
SDA295F
5
70
1.20
800
2.0
150
SDA295G
5
70
1.20
1000
2.0
150
100 oC
2.6
2.6
2.6
2.6
2.6
2.6
2.6


Similar Part No. - SDA295B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA294 SSDI-SDA294 Datasheet
177Kb / 2P
3-PHASE BRIDGE RECITIFIERS 50 - 3000 VOLTS
SDA294A SSDI-SDA294A Datasheet
177Kb / 2P
3-PHASE BRIDGE RECITIFIERS 50 - 3000 VOLTS
SDA294B SSDI-SDA294B Datasheet
177Kb / 2P
3-PHASE BRIDGE RECITIFIERS 50 - 3000 VOLTS
SDA294C SSDI-SDA294C Datasheet
177Kb / 2P
3-PHASE BRIDGE RECITIFIERS 50 - 3000 VOLTS
SDA294D SSDI-SDA294D Datasheet
177Kb / 2P
3-PHASE BRIDGE RECITIFIERS 50 - 3000 VOLTS
More results

Similar Description - SDA295B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDA403A SSDI-SDA403A Datasheet
29Kb / 2P
6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA165A SSDI-SDA165A Datasheet
57Kb / 2P
10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA262EF-3 SSDI-SDA262EF-3 Datasheet
57Kb / 2P
50 AMPS 600 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE
SDA263AF-3 SSDI-SDA263AF-3 Datasheet
23Kb / 1P
75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA160A SSDI-SDA160A Datasheet
223Kb / 2P
40 AMPS 50 ??300 VOLTS HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA165DUF SSDI-SDA165DUF Datasheet
26Kb / 2P
10 AMPS 400 - 1000 VOLTS ULTRAFAST RECOVERY SINGLE PHASE BRIDGE
SDA267AUF SSDI-SDA267AUF Datasheet
155Kb / 2P
10 AMPS 50 ??1000 VOLTS ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
RA0010 SSDI-RA0010_15 Datasheet
54Kb / 2P
STANDARD RECOVERY THREE PHASE BRIDGE
logo
Naina Semiconductor ltd...
MDS50 NAINA-MDS50 Datasheet
152Kb / 2P
Three Phase Bridge Rectifier, 50 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com