Electronic Components Datasheet Search
  English  ▼

X  

B4226 Datasheet(PDF) 2 Page - EPCOS

Part # B4226
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4226 Datasheet(HTML) 2 Page - EPCOS

  B4226 Datasheet HTML 1Page - EPCOS B4226 Datasheet HTML 2Page - EPCOS B4226 Datasheet HTML 3Page - EPCOS B4226 Datasheet HTML 4Page - EPCOS B4226 Datasheet HTML 5Page - EPCOS B4226 Datasheet HTML 6Page - EPCOS B4226 Datasheet HTML 7Page - EPCOS B4226 Datasheet HTML 8Page - EPCOS B4226 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Jul 2, 2002
SAW Components
B4226
881,5 & 1960,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Ceramic package QCC8D
Features
q
Low-loss RF filter for mobile telephone
AMPS and PCS bands, receive path
q
Device with two integrated Rx-filters
q
Usable passband :
Filter 1 (AMPS):
25 MHz
Filter 2 (PCS):
60MHz
q
No matching network required for operation
at 50
Ω
q
Ceramic package for Surface Mounted Technol-
ogy (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
1
Input [Filter 1]
3
Input [Filter 2]
2,4,6,8
Case ground, to be grounded
5
Output [Filter 2]
7
Output [Filter 1]
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4226
B39202-B4226-U810
C61157-A7-A72
F61074-V8101-Z000
Maximum ratings
Operable temperature range
T
– 20 /+ 80
˚C
Storage temperature range
Tstg
– 30 /+ 85
˚C
DC voltage
VDC
3V
Input power max.
824...849 MHz
1850...1910 MHz
PIN
15
13
dBm
dBm
1
2,4
3
7
6,8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com